Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L2561616A-6TIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L2561616A-6TIG
Description  4M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L2561616A-6TIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M12L2561616A-6TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-6TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ESMT
M12L2561616A
Operation Temperature Condition -40~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2008
Revision: 1.2
1/45
SDRAM
4M x 16 Bit x 4 Banks
Synchronous DRAM
FEATURES
JEDEC standard 3.3V power supply
LVTTL compatible with multiplexed address
Four banks operation
MRS cycle with address key programs
- CAS Latency ( 2 & 3 )
- Burst Length ( 1, 2, 4, 8 & full page )
- Burst Type ( Sequential & Interleave )
All inputs are sampled at the positive going edge of the
system clock
Burst Read single write operation
DQM for masking
Auto & self refresh
64ms refresh period (8K cycle)
ORDERING INFORMATION
PRODUCT NO.
MAX FREQ. PACKAGE COMMENTS
M12L2561616A-6TIG
166MHz
TSOP II
Pb-free
M12L2561616A-6BIG
166MHz
BGA
Pb-free
M12L2561616A-7TIG
143MHz
TSOP II
Pb-free
M12L2561616A-7BIG
143MHz
BGA
Pb-free
GENERAL DESCRIPTION
The M12L2561616A is 268,435,456 bits synchronous high data rate Dynamic RAM organized as 4 x 4,194,304 words by 16 bits.
Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system applications.
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
UDQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VSS
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
UDQM
CLK
A12
A11
A8
A7
VSS
A5
VDDQ
DQ0
VSSQ
DQ2
VDDQ
DQ4
VDD
LDQM
CAS
RAS
BA0
BA1
A0
A1
A3
A2
123
4567
89
A
B
C
D
E
F
G
H
J
VSSQ
VDDQ
VSSQ
VDDQ
VSS
CKE
A9
A6
A4
VDD
DQ1
DQ3
DQ7
WE
CS
A10
VDD
VSSQ
DQ6
DQ5


Similar Part No. - M12L2561616A-6TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-6TG ESMT-M12L2561616A-6TG Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A-6TG ESMT-M12L2561616A-6TG Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A-6TG2K ESMT-M12L2561616A-6TG2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
More results

Similar Description - M12L2561616A-6TIG

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com