Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128324A Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128324A
Description  1M x 32 Bit x 4 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128324A Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128324A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L128324A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
ESMT
M12L128324A
Elite Semiconductor Memory Technology Inc.
Publication Date: Aug. 2009
Revision: 1.4
6/46
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V ,TA = 0 to 70 C
°)
Parameter
Value
Unit
Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall-time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-6
-7
Unit
Note
Row active to row active delay
tRRD (min)
12
14
ns
1
RAS to CAS delay
tRCD (min)
18
18
ns
1
Row precharge time
tRP (min)
18
20
ns
1
tRAS (min)
42
42
ns
1
Row active time
tRAS (max)
100
us
@ Operating
tRC (min)
60
63
1
Row cycle time
@ Auto Refresh
tRFC (min)
60
63
ns
1, 5
Last data in to col. address delay
tCDL (min)
1
CLK
2
Last data in to row precharge
tRDL (min)
2
CLK
2
Last data in to burst stop
tBDL (min)
1
CLK
2
Output
870
VOH (DC) =2.4V , IOH = -2 mA
VOL (DC) =0.4V , IOL = 2 mA
Output
30pF
Z0 =50
30pF
50
Vtt = 1.4V
3.3V
1200


Similar Part No. - M12L128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
797Kb / 49P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A-5BG2E ESMT-M12L128324A-5BG2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
More results

Similar Description - M12L128324A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A ESMT-M12L128324A_1 Datasheet
797Kb / 49P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128324A ESMT-M52S128324A Datasheet
755Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12S128324A ESMT-M12S128324A Datasheet
746Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2632 AMICC-A43L2632 Datasheet
1Mb / 43P
   1M X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com