Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128324A-6TIG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128324A-6TIG
Description  1M x 32 Bit x 4 Banks Synchronous DRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128324A-6TIG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M12L128324A-6TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128324A-6TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
ESMT
M12L128324A
Operation temperature condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Feb. 2006
Revision: 1.1
4/49
DQM0~3
DQ
Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Bank D
Bank A
Bank B
Bank C
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CKE
CS
RAS
CAS
WE
BLOCK DIAGRAM
PIN DESCRIPTION
PIN
NAME
INPUT FUNCTION
CLK
System Clock
Active on the positive going edge to sample all inputs
CS
Chip Select
Disables or enables device operation by masking or enabling all
inputs except CLK , CKE and DQM0-3.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row / column address are multiplexed on the same pins.
Row address : RA0~RA11, column address : CA0~CA7
BA0 , BA1
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with
RAS low.
Enables row access & precharge.
CAS
Column Address Strobe
Latches column address on the positive going edge of the CLK with
CAS low.
Enables column access.
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS , WE active.


Similar Part No. - M12L128324A-6TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A-6TG ESMT-M12L128324A-6TG Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A-6TG ESMT-M12L128324A-6TG Datasheet
967Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128324A-6TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A ESMT-M12L128324A_09 Datasheet
967Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128324A ESMT-M52S128324A Datasheet
755Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12S128324A ESMT-M12S128324A Datasheet
746Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2632 AMICC-A43L2632 Datasheet
1Mb / 43P
   1M X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com