Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A-7TG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A-7TG
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A-7TG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128168A-7TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L128168A-7TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
ESMT
M12L128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2009
Revision: 2.3
6/45
Version
Parameter
Symbol
-5
-6
-7
Unit
Note
Col. address to col. address delay
tCCD(min)
1
tCK
3
CAS latency = 3
2
Number of valid
Output data
CAS latency = 2
1
ea
4
Note : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. A new command may be given tRFC after self refresh exit.
6. A maximum of eight consecutive AUTO REFRESH commands (with tRFCmin) can be posted to any given SDRAM, and the
maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is
8x15.6 μ s.)
AC CHARACTERISTICS
(AC operating condition unless otherwise noted)
-5
-6
-7
Parameter
Symbol
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Note
CAS latency = 3
5
6
7
CLK cycle time
CAS latency = 2
tCC
10
1000
10
1000
10
1000
ns
1
CAS latency = 3
-
4.5
-
5.4
-
5.4
CLK to valid
output delay
CAS latency = 2
tSAC
-
6
-
6
-
6
ns
1,2
CAS latency = 3
2
-
2.5
-
2.5
-
Output data
hold time
CAS latency = 2
tOH
2
-
2.5
-
2.5
-
ns
2
CLK high pulsh width
tCH
2
-
2.5
-
2.5
-
ns
3
CLK low pulsh width
tCL
2
-
2.5
-
2.5
-
ns
3
Input setup time
tSS
1.5
-
1.5
-
1.5
-
ns
3
Input hold time
tSH
1
-
1
-
1
-
ns
3
CLK to output in Low-Z
tSLZ
1
-
1
-
1
-
ns
2
CAS latency = 3
-
5.0
-
5.4
-
5.4
CLK to output
in Hi-Z
CAS latency = 2
tSHZ
-
6
-
6
-
6
ns
-
Note :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns. (tr/2 - 0.5) ns should be considered.
3. Assumed input rise and fall time (tr & tf) =1ns.
If tr & tf is longer than 1ns. transient time compensation should be considered.
i.e., [(tr + tf)/2 – 1] ns should be added to the parameter.


Similar Part No. - M12L128168A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A-7TG ESMT-M12L128168A-7TG Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-7TG2L ESMT-M12L128168A-7TG2L Datasheet
688Kb / 45P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - M12L128168A-7TG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com