Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64322A Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A
Description  512K x 32 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64322A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12L64322A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ESMT
M12L64322A
Elite Semiconductor Memory Technology Inc.
Publication Date: Feb. 2008
Revision: 2.4
11/47
If both BA1 is “High” and BA0 is “Low” at read ,write , row active and precharge ,bank C is selected.
If both BA1 and BA0 are “High” at read ,write , row active and precharge ,bank D is selected
If A10/AP is “High” at row precharge , BA1 and BA0 is ignored and all banks are selected.
5.During burst read or write with auto precharge. new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.Burst stop command is valid at every burst length.
7.DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (write DQM latency is 0), but
makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)
MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with MRS
Address
BA0~BA1
A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
RFU
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT = 0
BT = 1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
Reserved
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
0
1
0
4
4
1
1
Reserved
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page Reserved
Full Page Length : 256
POWER UP SEQUENCE
1.Apply power and start clock, Attempt to maintain CKE = ”H”, DQM = ”H” and the other pin are NOP condition at the inputs.
2. Maintain stable power , stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
Note :
1. RFU(Reserved for future use) should stay “0” during MRS cycle.
2. If A9 is high during MRS cycle, “ Burst Read single Bit Write” function will be enabled.
3. The full column burst (256 bit) is available only at sequential mode of burst type.


Similar Part No. - M12L64322A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L64322A-5BG ESMT-M12L64322A-5BG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64322A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52D64322A ESMT-M52D64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com