Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64164A_0712 Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A_0712
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A_0712 Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64164A_0712 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L64164A_0712 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
ESMT
M12L64164A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Dec. 2007
Revision: 1.2
9/45
MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with MRS
Address
A13~A12
A11~A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
RFU
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT = 0
BT = 1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
Reserved
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
0
1
0
4
4
1
1
Reserved
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page Reserved
Full Page Length : 256
POWER UP SEQUENCE
1.Apply power and start clock, Attempt to maintain CKE = ”H”, DQM = ”H” and the other pin are NOP condition at the inputs.
2. Maintain stable power , stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
Note :
1. RFU(Reserved for future use) should stay “0” during MRS cycle.
2. If A9 is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.
3. The full column burst (256 bit) is available only at sequential mode of burst type.


Similar Part No. - M12L64164A_0712

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64164A_0712

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com