Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64164A-6TG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A-6TG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A-6TG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64164A-6TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64164A-6TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
ESMT
M12L64164A
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 3.4
6/45
AC CHARACTERISTICS (AC operating condition unless otherwise noted)
-5
-6
-7
PARAMATER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS latency = 3
5
6
7
CLK cycle time
CAS latency = 2
tCC
10
1000
10
1000
10
1000
ns
1
CAS latency = 3
4.5
5.5
6
CLK to valid
output delay
CAS latency = 2
tSAC
6
6
6
ns
1,2
CAS latency = 3
2.0
2.5
2.5
Output data
hold time
CAS latency = 2
tOH
2.0
2.5
2.5
ns
2
CLK high pulse width
tCH
2.5
2.5
2.5
ns
3
CLK low pulse width
tCL
2.5
2.5
2.5
ns
3
Input setup time
tSS
1.5
1.5
1.5
ns
3
Input hold time
tSH
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
0
0
0
ns
2
CAS latency = 3
4.5
5.5
6
CLK to output
in Hi-Z
CAS latency = 2
tSHZ
6
6
6
ns
-
Note:
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns. (tr/2 - 0.5) ns should be considered.
3. Assumed input rise and fall time (tr & tf) =1ns.
If tr & tf is longer than 1ns. transient time compensation should be considered.
i.e., [(tr + tf)/2 – 1] ns should be added to the parameter.


Similar Part No. - M12L64164A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A-6TG ESMT-M12L64164A-6TG Datasheet
730Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-6TG ESMT-M12L64164A-6TG Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-6TG2M ESMT-M12L64164A-6TG2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-6TG2Y ESMT-M12L64164A-6TG2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
More results

Similar Description - M12L64164A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com