Part Name
         Description
M12L32162A_0712

 1M x 16Bit x 2Banks Synchronous DRAM ( 28 Page)


ESMT
100% 
Zoom Out Zoom In
 21 page
background image
ESMT
M12L32162A
Operation Temperature Condition -40°C~105°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2007
Revision : 1.2
21/28
Read Interrupted by Precharge Command & Read Burst Stop Cycle @Burst Length =Full page
*Note: 1.Burst can’t end in full page mode, so auto precharge can’t issue.
2.About the valid DQs after burst stop, it is same as the case of RAS interrupt.
Both cases are illustrated above timing diagram. See the label 1,2 on them.
But at burst write, burst stop and RAS interrupt should be compared carefully.
Refer the timing diagram of “Full page write burst stop cycle”.
3.Burst stop is valid at every burst length.
CL O C K
CK E
AD DR
DQ
DQ M
A1 0 / A P
BA
RA a
CA a
CA b
RA a
QAa0 QA a1
QA b1
QA b0
QAb 2
*No t e 1
Row A c t i ve
(A -B a n k)
R e ad
(A - B an k )
B u rst S t op
R e ad
(A- B a n k )
:D o n ' t C a r e
HI G H
CL = 2
CL= 3
QA a2 QAa 3 QAa4
QA b3 QA b4 QA b5
QA a0 QA a1
QA b1
QA b0
QAb2
QAa 2 QA a3 QA a4
QA b3 QAb4 QA b5
1
1
2
2
P r ec ha r g e
(A - B a n k)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CS
RAS
CAS
WE
*Note2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl