Part Name
         Description
M12L32162A_0712

 1M x 16Bit x 2Banks Synchronous DRAM ( 28 Page)


ESMT
100% 
Zoom Out Zoom In
 19 page
background image
ESMT
M12L32162A
Operation Temperature Condition -40°C~105°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2007
Revision : 1.2
19/28
Read & Write Cycle with auto Precharge @ Burst Length =4
*Note: 1.tCDL Should be controlled to meet minimum tRAS before internal precharge start
(In the case of Burst Length=1 & 2 and BRSW mode)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CL OC K
CK E
CA S
AD DR
WE
DQ
DQ M
A1 0 / A P
BA
CL = 2
CL = 3
Row Active
( A - Bank )
Row Active
( B - Bank )
Read with
Auto Precharge
( A - Bank )
Au t o P r ec h a r g e
S t a r t P o i n t
( B - B ank )
: D o n ' t C a r e
Qa1 Q a2
Qa3
Db 1
Db 2
D b 3
Db 0
Qa0
Ra
Cb
Ra
C a
Rb
Rb
Qa1
Qa2
Qa3
Db 1
D b 2
Db 3
Db 0
Qa0
W r i t e wi t h
A u to P r e c h a rg e
(B -B a n k )
HIGH
Auto Precharge
Start Point
( A - Bank)
CS
RA S



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl