Part Name
         Description
M12L32162A_0712

 1M x 16Bit x 2Banks Synchronous DRAM ( 28 Page)


ESMT
100% 
Zoom Out Zoom In
 18 page
background image
ESMT
M12L32162A
Operation Temperature Condition -40°C~105°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2007
Revision : 1.2
18/28
Read & Write Cycle at Different Bank @ Burst Length = 4
*Note: 1.tCDL should be met to complete write.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl