Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L16161A-7BIG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L16161A-7BIG
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L16161A-7BIG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M12L16161A-7BIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ESMT
M12L16161A
Operation temperature condition -40℃~85℃
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.1
4/29
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = -40 to 85 C
°
VIH(min)/VIL(max)=2.0V/0.8V)
Version
Parameter
Symbol
Test Condition
CAS
Latency
-5
-7
Unit Note
Operating Current
(One Bank Active)
ICC1
Burst Length = 1
tRC
tRC (min), tCC tCC (min), IOL= 0mA
130
100
mA
1
ICC2P
CKE
VIL(max), tCC =15ns
2
mA
Precharge Standby
Current in power-down
mode
ICC2PS
CKE
VIL(max), CLK VIL(max), tCC =
2
ICC2N
CKE
VIH(min), CS VIH(min), tCC =15ns
Input signals are changed one time during 30ns
25
mA
Precharge Standby
Current in non
power-down mode
ICC2NS
CKE
VIH(min), CLK VIL(max), tCC =
Input signals are stable
10
mA
ICC3P
CKE
VIL(max), tCC =15ns
10
Active Standby Current
in power-down mode
ICC3PS
CKE
VIL(max), CLK VIL(max), tCC =
10
mA
ICC3N
CKE
VIH(min), CS VIH(min), tCC=15ns
Input signals are changed one time during 30ns
25
mA
Active Standby Current
in non power-down
mode
(One Bank Active)
ICC3NS
CKE
VIH (min), CLK VIL(max), tCC=
Input signals are stable
10
mA
3
150
120
mA
1
Operating Current
(Burst Mode)
ICC4
IOL= 0Ma, Page Burst
All Band Activated, tCCD = tCCD (min)
2
150
120
Refresh Current
ICC5
tRC
tRC(min)
150
120
mA
2
Self Refresh Current
ICC6
CKE
0.2V
1
mA
Note: 1.Measured with outputs open. Addresses are changed only one time during tCC(min).
2.Refresh period is 32ms. Addresses are changed only one time during tCC(min).


Similar Part No. - M12L16161A-7BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A-7BG ESMT-M12L16161A-7BG Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-7BG ESMT-M12L16161A-7BG Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L16161A-7BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com