Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA-100HG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA-100HG
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA-100HG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25S04PA-100HG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA-100HG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
1/34
Flash
2.5V Only 4 Mbit Serial Flash Memory
with Dual Output
FEATURES
Single supply voltage 2.3~3.3V
Standard, Dual SPI
Speed
- Read max frequency: 33MHz
- Fast Read max frequency: 50MHz; 86MHz; 100MHz
- Fast Read Dual max frequency: 50MHz / 86MHz/ 100MHz
(100MHz / 172MHz/ 200MHz equivalent Dual SPI)
Low power consumption
- Active current: 25 mA
- Standby current: 5 μ A
- Deep Power Down current: 3 μ A
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte programming time: 7 μ s (typical)
- Page programming time: 0.8 ms (typical)
Erase
- Chip erase time 3 sec (typical)
- Block erase time 0.4 sec (typical)
- Sector erase time 40 ms (typical)
Page Programming
- 256 byte per programmable page
SPI Serial Interface
- SPI Compatible: Mode 0 and Mode 3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
Product ID
Speed
Package
COMMENTS
F25S04PA –50PG
50MHz
8-lead SOIC
150 mil
Pb-free
F25S04PA –86PG
86MHz
8-lead SOIC
150 mil
Pb-free
F25S04PA –100PG
100MHz
8-lead SOIC
150 mil
Pb-free
F25S04PA –50PAG
50MHz
8-lead SOIC
200 mil
Pb-free
F25S04PA –86PAG
86MHz
8-lead SOIC
200 mil
Pb-free
F25S04PA –100PAG
100MHz
8-lead SOIC
200 mil
Pb-free
F25S04PA –50DG
50MHz
8-lead PDIP
300 mil
Pb-free
F25S04PA –86DG
86MHz
8-lead PDIP
300 mil
Pb-free
F25S04PA –100DG
100MHz
8-lead PDIP
300 mil
Pb-free
F25S04PA –50HG
50MHz
8-lead DFN
5x6 mm
Pb-free
F25S04PA –86HG
86MHz
8-lead DFN
5x6 mm
Pb-free
F25S04PA –100HG
100MHz
8-lead DFN
5x6 mm
Pb-free


Similar Part No. - F25S04PA-100HG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA-100HG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com