Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L32162A-5.5TG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L32162A-5.5TG
Description  1M x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L32162A-5.5TG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L32162A-5.5TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L32162A-5.5TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ESMT
M12L32162A
Elite Semiconductor Memory Technology Inc.
Publication Date : Mar. 2009
Revision : 1.2
9/29
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1 CKEn CS
RAS
CAS
WE
DQM BA A10/AP
A11
A9~A0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A7) 4,5
Auto Precharge Disable
L
4
Write & Column
Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A7) 4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
4
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
4
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
H
X
X
X
No Operation Command
H
X
L
H
H
H
X
X
(V= Valid, X= Don’t Care, H= Logic High , L = Logic Low)
Note:
1.OP Code: Operation Code
A0~ A11, BA: Program keys.(@MRS)
2.MRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3.Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by “Auto”.
Auto / self refresh can be issued only at both banks idle state.
4.BA: Bank select address.
If “Low”: at read, write, row active and precharge, bank A is selected.
If “High”: at read, write, row active and precharge, bank B is selected.
If A10/AP is “High” at row precharge, BA ignored and both banks are selected.
5.During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read /write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.Burst stop command is valid at every burst length.
7.DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0), but makes
Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)


Similar Part No. - M12L32162A-5.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32162A-7BG ESMT-M12L32162A-7BG Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A-7BVG ESMT-M12L32162A-7BVG Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A-7TG ESMT-M12L32162A-7TG Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A-7TVG ESMT-M12L32162A-7TVG Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L32162A-5.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com