Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L16161A-7TG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L16161A-7TG
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L16161A-7TG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L16161A-7TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ESMT
M12L16161A
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision : 2.7
8/29
Burst Length and Sequence
(Burst of Two)
Starting Address
(column address A0 binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
0
0,1
0,1
1
1,0
1,0
(Burst of Four)
Starting Address
(column address A1-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
00
0,1,2, 3
0,1,2, 3
01
1,2,3, 0
1,0,3, 2
10
2,3,0, 1
2,3,0, 1
11
3,0,1, 2
3,2,1, 0
(Burst of Eight)
Starting Address
(column address A2-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
000
0,1,2, 3,4, 5,6,7
0,1,2, 3,4, 5,6,7
001
1,2,3, 4,5, 6,7,0
1,0,3, 2,5, 4,7,6
010
2,3,4, 5,6, 7,0,1
2,3,0, 1,6, 7,4,5
011
3,4,5, 6,7, 0,1, 2
3,2,1, 0,7, 6,5,4
100
4,5,6, 7,0, 1,2,3
4,5,6, 7,0, 1,2,3
101
5,6,7, 0,1, 2,3,4
5,4,7, 6,1, 0,3,2
110
6,7,0, 1,2, 3,4, 5
6,7,4, 5,2, 3,0,1
111
7,0,1, 2,3, 4,5, 6
7,6,5, 4,3, 2,1,0
Full page burst is an extension of the above tables of Sequential Addressing, with the length being 256 for 1Mx16 divice.
POWER UP SEQUENCE
1.Apply power and start clock, attempt to maintain CKE= “H”, L(U)DQM = “H” and the other pin are NOP condition at the inputs.
2.Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3.Issue precharge commands for all banks of the devices.
4.Issue 2 or more auto-refresh commands.
5.Issue mode register set command to initialize the mode register.
Cf.)Sequence of 4 & 5 is regardless of the order.


Similar Part No. - M12L16161A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A-7TG ESMT-M12L16161A-7TG Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-7TG2Q ESMT-M12L16161A-7TG2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
More results

Similar Description - M12L16161A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com