Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA-50HG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA-50HG
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA-50HG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25S04PA-50HG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25S04PA-50HG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
9/34
INSTRUCTIONS
Instructions are used to Read, Write (Erase and Program), and
configure the F25S04PA. The instruction bus cycles are 8 bits
each for commands (Op Code), data, and addresses. Prior to
executing any Page Program, Write Status Register, Sector
Erase, Block Erase, or Chip Erase instructions, the Write Enable
(WREN) instruction must be executed first. The complete list of
the instructions is provided in Table 5. All instructions are
synchronized off a high to low transition of CE . Inputs will be
accepted on the rising edge of SCK starting with the most
significant bit. CE must be driven low before an instruction is
entered and must be driven high after the last bit of the instruction
has been shifted in (except for Read, Read ID, Read Status
Register, Read Electronic Signature instructions). Any low to high
transition on CE , before receiving the last bit of an instruction
bus cycle, will terminate the instruction in progress and return the
device to the standby mode.
Instruction commands (Op Code), addresses, and data are all
input from the most significant bit (MSB) first.
Table 5: Device Operation Instructions
Bus Cycle
1~3
1
2
3
4
5
6
N
Operation
Max.
Freq
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
33 MHz 03H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
DOUT0
X
DOUT1
X
cont.
Fast Read
0BH
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
X
X
X
DOUT0
X
cont.
Fast Read Dual
Output
11,12
3BH
A23-A16
A15-A8
A7-A0
X
DOUT0~1
cont.
Sector Erase
4 (4K Byte)
20H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Block Erase
4, (64K Byte)
D8H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
-
-
-
-
-
-
Chip Erase
60H /
C7H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Page Program (PP)
02H
Hi-Z A23-A16 Hi-Z A15-A8 Hi-Z A7-A0 Hi-Z
DIN0
Hi-Z
DIN1
Hi-Z
Up to
256
bytes
Hi-Z
Read Status Register
(RDSR)
6
05H
Hi-Z
X
DOUT
-
-
-
-
-
-
-
-
-
-
Write Status Register
(WRSR)
01H
Hi-Z
DIN
Hi-Z
-
-
-.
-
-
-
-
-
-
-
Write Enable (WREN)
9
06H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Write Disable (WRDI)
04H
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Deep Power Down (DP)
B9h
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Release from Deep
Power Down (RDP)
ABH
Hi-Z
-
-
-
-
-
-
-
-
-
-
-
-
Read Electronic
Signature (RES)
7
ABH
Hi-Z
X
X
X
X
X
X
X
12H
-
-
-
-
Jedec Read ID
(JEDEC-ID)
8
9FH
Hi-Z
X
8CH
X
20H
X
13H
-
-
-
-
-
-
00H
Hi-Z
X
8CH
X
12H
-
-
Read ID (RDID)
10
50MHz
~
100MHz
90H
Hi-Z
00H
Hi-Z
00H
Hi-Z
01H
Hi-Z
X
12H
X
8CH
-
-
Note:
1.
Operation: SIN = Serial In, SOUT = Serial Out, Bus Cycle 1 = Op Code
2.
X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary); cont. = continuous
3.
One bus cycle is eight clock periods.
4.
Sector Earse addresses: use AMS -A12, remaining addresses can be VIL or VIH
Block Earse addresses: use AMS -A16, remaining addresses can be VIL or VIH
5.
To continue programming to the next sequential address location, enter the 8-bit command, followed by the data to be
programmed.
6.
The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE .
7.
The Read-Electronic-Signature is continuous with on going clock cycles until terminated by a low to high transition on CE .
8.
The Jedec-Read-ID is output first byte 8CH as manufacture ID; second byte 20H as top memory type; third byte 13H as
memory capacity.
9.
The Write-Enable (WREN) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each
other. The WRSR instruction must be executed immediately (very next bus cycle) after the WREN instruction to make both


Similar Part No. - F25S04PA-50HG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA-50HG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com