Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA-86PAG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA-86PAG
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA-86PAG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  F25S04PA-86PAG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA-86PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
4/34
PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing for serial input and
output operations
SI
Serial Data Input
To transfer commands, addresses or data
serially into the device.
Data is latched on the rising edge of SCK.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of
SCK.
CE
Chip Enable
To activate the device when CE is low.
WP
Write Protect
The Write Protect ( WP ) pin is used to
enable/disable BPL bit in the status
register.
HOLD
Hold
To temporality stop serial communication
with SPI flash memory without resetting
the device.
VDD
Power Supply
To provide power.
VSS
Ground
FUNCTIONAL BLOCK DIAGRAM
Address
Buffers
and
Latches
X-Decoder
Flash
Y-Decoder
I/O Butters
and
Data Latches
Serial Interface
Control Logic
CE
SCK
SI
WP
SO
HOLD


Similar Part No. - F25S04PA-86PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA-86PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com