Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L32PA-100PHG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L32PA-100PHG
Description  3V Only 32 Mbit Serial Flash Memory with Dual
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L32PA-100PHG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L32PA-100PHG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L32PA-100PHG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ESMT
F25L32PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2009
Revision: 1.0
6/36
Table 1: F25L32PA Sector Address Table – Continued II
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A21
A20
A19
A18
A17
A16
607
4KB
25F000H – 25FFFFH
:
:
:
37
592
4KB
250000H – 250FFFH
1
0
0
1
0
1
591
4KB
24F000H – 24FFFFH
:
:
:
36
576
4KB
240000H – 240FFFH
1
0
0
1
0
0
575
4KB
23F000H – 23FFFFH
:
:
:
35
560
4KB
230000H – 230FFFH
1
0
0
0
1
1
559
4KB
22F000H – 22FFFFH
:
:
:
34
544
4KB
220000H – 220FFFH
1
0
0
0
1
0
543
4KB
21F000H – 21FFFFH
:
:
:
33
528
4KB
210000H – 210FFFH
1
0
0
0
0
1
527
4KB
20F000H – 20FFFFH
:
:
:
32
512
4KB
200000H – 200FFFH
1
0
0
0
0
0
511
4KB
1FF000H – 1FFFFFH
:
:
:
31
496
4KB
1F0000H – 1F0FFFH
0
1
1
1
1
1
495
4KB
1EF000H – 1EFFFFH
:
:
:
30
480
4KB
1E0000H – 1E0FFFH
0
1
1
1
1
0
479
4KB
1DF000H – 1DFFFFH
:
:
:
29
464
4KB
1D0000H – 1D0FFFH
0
1
1
1
0
1
463
4KB
1CF000H – 1CFFFFH
:
:
:
28
448
4KB
1C0000H – 1C0FFFH
0
1
1
1
0
0
447
4KB
1BF000H – 1BFFFFH
:
:
:
27
432
4KB
1B0000H – 1B0FFFH
0
1
1
0
1
1
431
4KB
1AF000H – 1AFFFFH
:
:
:
26
416
4KB
1A0000H – 1A0FFFH
0
1
1
0
1
0
415
4KB
19F000H – 19FFFFH
:
:
:
25
400
4KB
190000H – 190FFFH
0
1
1
0
0
1


Similar Part No. - F25L32PA-100PHG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-100PAG ESMT-F25L32QA-100PAG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-100PHG ESMT-F25L32QA-100PHG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F25L32QA-50PAG ESMT-F25L32QA-50PAG Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
More results

Similar Description - F25L32PA-100PHG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com