Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S004A-50DG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S004A-50DG
Description  2.5V Only 4 Mbit Serial Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S004A-50DG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25S004A-50DG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S004A-50DG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ESMT
F25S004A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.1
1/33
Flash
2.5V Only 4 Mbit Serial Flash Memory
FEATURES
Single supply voltage 2.3~3.3V
Speed
- Read max frequency : 33MHz
- Fast Read max frequency : 50MHz
Low power consumption
- Active current:40mA
- Standby current:75 μ A
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte program time 7 μ s (typical)
Erase
- Chip erase time 4sec(typical)
- Block erase time 1sec (typical)
- Sector erase time 90ms(typical)
Auto Address Increment (AAI) WORD Programming
- Decrease total chip programming time over
Byte-Program operations
SPI Serial Interface
- SPI Compatible : Mode 0 and Mode3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
PRODUCT ID
SPEED
PACKAGE
COMMENTS
F25S004A -50PG
50MHz
8 lead SOIC
150 mil
Pb-free
F25S004A -50PAG
50MHz
8 lead SOIC
200 mil
Pb-free
F25S004A –50DG
50MHz
8 lead PDIP
300 mil
Pb-free
GENERAL DESCRIPTION
The F25S004A is a 4Megabit, 2.5V only CMOS Serial Flash
memory device. ESMT’s memory devices reliably store memory
data even after 100,000 program and erase cycles.
The device features a sector erase architecture. The device
memory array is divided into 128 uniform sectors with 4K byte
each ; 8 uniform blocks with 64K byte each. Sectors can be
erased individually without affecting the data in other sectors.
Blocks can be erased individually without affecting the data in
other blocks. Whole chip erase capabilities provide the flexibility
to revise the data in the device.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.


Similar Part No. - F25S004A-50DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25S04PA-100DG ESMT-F25S04PA-100DG Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25S04PA-100HG ESMT-F25S04PA-100HG Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25S04PA-100PAG ESMT-F25S04PA-100PAG Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25S04PA-100PG ESMT-F25S04PA-100PG Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
More results

Similar Description - F25S004A-50DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Elite Semiconductor Mem...
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com