Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25S04PA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
6/34
STATUS REGISTER
The software status register provides status on whether the flash
memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the status register may be read only to determine the completion
of an operation in progress. Table 2 describes the function of
each bit in the software status register.
Table 2: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 3)
0
R/W
3
BP1
Indicate current level of block write protection (See Table 3)
0
R/W
4
BP2
Indicate current level of block write protection (See Table 3)
0
R/W
5
TB
Top / Bottom write protect
0
R/W
6
RESERVED Reserved for future use
0
N/A
7
BPL
1 = BP2,BP1,BP0 and TB are read-only bits
0 = BP2,BP1,BP0 and TB are read/writable
0
R/W
Note:
1. Only BP0, BP1, BP2, TB and BPL are writable.
2. BP0, BP1, BP2, TB and BPL are non-volatile; others volatile.
3. All area are protected at power-on (BP2=BP1=BP0=1)
WRITE ENABLE LATCH (WEL)
The Write-Enable-Latch bit indicates the status of the internal
memory Write Enable Latch. If this bit is set to “1”, it indicates the
device is Write enabled. If the bit is set to “0” (reset), it indicates
the device is not Write enabled and does not accept any memory
Write (Program/ Erase) commands. This bit is automatically reset
under the following conditions:
Power-up
Write Disable (WRDI) instruction completion
Page Program instruction completion
Sector Erase instruction completion
Block Erase instruction completion
Chip Erase instruction completion
Write Status Register instructions
BUSY
The Busy bit determines whether there is an internal Erase or
Program operation in progress. A “1” for the Busy bit indicates
the device is busy with an operation in progress. A “0” indicates
the device is ready for the next valid operation.
Top/Bottom Block Protect (TB)
The Top/Bottom bit (TB) controls if the Block-Protection (BP2,
BP1, BP0) bits protect from the Top (TB=0) or the Bottom (TB=1)
of the array as show in Table 3, The TB bit can be set with Write
Status Register (WRSR) instruction. The TB bit can not be written
to if the Block- Protection-Look (BPL) bit is 1 or WP is low.


Similar Part No. - F25S04PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com