Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25S04PA Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  F25S04PA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
2/34
1
8
2
7
3
6
4
5
VDD
HOLD
SCK
SI
CE
SO
WP
VSS
GENERAL DESCRIPTION
The F25S04PA is a 4Megabit, 2.5V only CMOS Serial Flash
memory device. The device supports the standard Serial
Peripheral Interface (SPI), and a Dual SPI. ESMT’s memory
devices reliably store memory data even after 100,000
programming and erase cycles.
The memory array can be organized into 2,048 programmable
pages of 256 byte each. 1 to 256 byte can be programmed at a
time with the Page Program instruction.
The device features sector erase architecture. The memory array
is divided into 128 uniform sectors with 4K byte each; 8 uniform
blocks with 64K byte each. Sectors can be erased individually
without affecting the data in other sectors. Blocks can be erased
individually without affecting the data in other blocks. Whole chip
erase capabilities provide the flexibility to revise the data in the
device. The device has Sector, Block or Chip Erase but no page
erase.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.
PIN CONFIGURATIONS
8- LEAD SOIC


Similar Part No. - F25S04PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50DG ESMT-F25S004A-50DG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PAG ESMT-F25S004A-50PAG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25S004A-50PG ESMT-F25S004A-50PG Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25S04PA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com