Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-100DIG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-100DIG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-100DIG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  F25L08PA-100DIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100DIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ESMT
F25L08PA
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.3
5/32
Table 1: F25L08PA Sector Address Table - Continued
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A19 A18
A17
A16
47
4KB
02F000H – 02FFFFH
:
:
:
2
32
4KB
020000H – 020FFFH
0
0
1
0
31
4KB
01F000H – 01FFFFH
:
:
:
1
16
4KB
010000H – 010FFFH
0
0
0
1
15
4KB
00F000H – 00FFFFH
:
:
:
0
0
4KB
000000H – 000FFFH
0
0
0
0
STATUS REGISTER
The software status register provides status on whether the flash
memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the status register may be read only to determine the completion
of an operation in progress. Table 2 describes the function of
each bit in the software status register.
Table 2: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 3)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 3)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 3)
1
R/W
5
RESERVED Reserved for future use
0
N/A
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Page Program mode
0
R
7
BPL
1 = BP2,BP1,BP0 are read-only bits
0 = BP2,BP1,BP0 are read/writable
0
R/W
Note:
1. Only BP0, BP1, BP2 and BPL are writable.
2. All register bits are volatility
3. All area are protected at power-on (BP2=BP1=BP0=1)


Similar Part No. - F25L08PA-100DIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-100DG ESMT-F25L08PA-100DG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-100DIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com