Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L16PA-50PG Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L16PA-50PG
Description  3V Only 16 Mbit Serial Flash Memory with Dual
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L16PA-50PG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  F25L16PA-50PG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L16PA-50PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ESMT
F25L16PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.4
2/33
1
8
2
7
3
6
4
5
VDD
HOLD
SCK
SI
CE
SO
WP
VSS
1
8
2
7
3
6
4
5
VDD
HOLD
SCK
SI
CE
SO
WP
VSS
PIN CONFIGURATIONS
8-PIN SOIC
8-PIN PDIP


Similar Part No. - F25L16PA-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
More results

Similar Description - F25L16PA-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com