Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-100PAIG Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-100PAIG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-100PAIG Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08PA-100PAIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L08PA-100PAIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ESMT
F25L08PA
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.3
7/32
HOLD OPERATION
HOLD pin is used to pause a serial sequence underway with the
SPI flash memory without resetting the clocking sequence. To
activate the HOLD mode, CE must be in active low state. The
HOLD mode begins when the SCK active low state coincides
with the falling edge of the HOLD signal. The HOLD mode ends
when the HOLD signal’s rising edge coincides with the SCK
active low state.
If the falling edge of the HOLD signal does not coincide with the
SCK active low state, then the device enters Hold mode when the
SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD signal does not
coincide with the SCK active low state, then the device exits in
Hold mode when the SCK next reaches the active low state. See
Figure 1 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high impedance
state while SI and SCK can be VIL or VIH.
If CE is driven active high during a Hold condition, it resets the
internal logic of the device. As long as HOLD signal is low, the
memory
remains
in
the
Hold
condition.
To
resume
communication with the device, HOLD must be driven active
high, and CE must be driven active low. See Figure 26 for Hold
timing.
Active
Hold
Active
Hold
Active
HO LD
SCK
Figure 1: HOLD Condition Waveform
WRITE PROTECTION
F25L08PA provides software Write Protection.
The Write-Protect pin ( WP ) enables or disables the lock-down
function of the status register. The Block-Protection bits (BP2,
BP1, BP0, and BPL) in the status register provide Write
protection to the memory array and the status register. See Table
3 for Block-Protection description.
Write Protect Pin (
WP )
The Write-Protect ( WP ) pin enables the lock-down function of
the BPL bit (bit 7) in the status register. When WP is driven low,
the execution of the Write Status Register (WRSR) instruction is
determined by the value of the BPL bit (see Table 4). When WP
is high, the lock-down function of the BPL bit is disabled.
Table 4: Conditions to Execute Write-Status-Register
(WRSR) Instruction
WP
BPL
Execute WRSR Instruction
L
1
Not Allowed
L
0
Allowed
H
X
Allowed


Similar Part No. - F25L08PA-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-100PAG ESMT-F25L08PA-100PAG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com