Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L08PA-50PG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-50PG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-50PG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08PA-50PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50PG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ESMT
F25L08PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.7
9/32
Note:
1.
Operation: SIN = Serial In, SOUT = Serial Out, Bus Cycle 1 = Op Code
2.
X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary); cont. = continuous
3.
One bus cycle is eight clock periods.
4.
Sector Earse addresses: use AMS -A12, remaining addresses can be VIL or VIH
Block Earse addresses: use AMS -A16, remaining addresses can be VIL or VIH
5.
To continue programming to the next sequential address location, enter the 8-bit command, followed by the data to be
programmed.
6.
The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE .
7.
The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in
conjunction of each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR
instruction to make both instructions effective.
8.
The Read-Electronic-Signature is continuous with on going clock cycles until terminated by a low to high transition on CE .
9.
The Jedec-Read-ID is output first byte 8CH as manufacture ID; second byte 20H as top memory type; third byte 14H as
memory capacity.
10. The Write-Enable (WREN) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each
other. The WRSR instruction must be executed immediately (very next bus cycle) after the WREN instruction to make both
instructions effective. Both EWSR and WREN can enable WRSR, user just need to execute one of it. A successful WRSR
can reset WREN.
11. The Manufacture ID and Device ID output will repeat continuously until CE terminates the instruction.
12. Dual commands use bidirectional IO pins. DOUT and cont. are serial data out; others are serial data in.
13. Dual output data:
IO0 =(D6,D4,D2,D0), (D6,D4,D2,D0)
IO1 =(D7,D5,D3,D1), (D7,D5,D3,D1)
DOUT0
DOUT1


Similar Part No. - F25L08PA-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-50PAIG ESMT-F25L08PA-50PAIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-50PIG ESMT-F25L08PA-50PIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com