Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L008A-100PAIG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A-100PAIG
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A-100PAIG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L008A-100PAIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L008A-100PAIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ESMT
F25L008A
Operation Temperature condition -40 C
° ~85 C
°
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.2
6/30
Hold Operation
HOLD pin is used to pause a serial sequence underway with the
SPI flash memory without resetting the clocking sequence. To
activate the HOLD mode, CE must be in active low state. The
HOLD mode begins when the SCK active low state coincides
with the falling edge of the HOLD signal. The HOLD mode ends
when the HOLD signal’s rising edge coincides with the SCK
active low state.
If the falling edge of the HOLD signal does not coincide with the
SCK active low state, then the device enters Hold mode when the
SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD signal does not
coincide with the SCK active low state, then the device exits in
Hold mode when the SCK next reaches the active low state. See
Figure 1 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high impedance
state while SI and SCK can be VIL or VIH.
If CE is driven active high during a Hold condition, it resets the
internal logic of the device. As long as HOLD signal is low, the
memory
remains
in
the
Hold
condition.
To
resume
communication with the device, HOLD must be driven active
high, and CE must be driven active low. See Figure 14 for Hold
timing.
Active
Hold
Active
Hold
Active
HO LD
SCK
Figure 1 : HOLD CONDITION WAVEFORM
Write Protection
F25L008A provides software Write protection.
The Write Protect pin ( WP ) enables or disables the lockdown
function of the status register. The Block-Protection bits (BP1,
BP0, and BPL) in the status register provide Write protection to
the memory array and the status register. See Table 5 for
Block-Protection description.
Write Protect Pin (
WP )
The Write Protect ( WP ) pin enables the lock-down function of
the BPL bit (bit 7) in the status register. When WP is driven low,
the execution of the Write-Status-Register (WRSR) instruction is
determined by the value of the BPL bit (see Table 3). When WP
is high, the lock-down function of the BPL bit is disabled.
TABLE3: CONDITIONS TO EXECUTE
WRITE-STATUS- REGISTER (WRSR)
INSTRUCTION
WP
BPL
Execute WRSR Instruction
L
1
Not Allowed
L
0
Allowed
H
X
Allowed


Similar Part No. - F25L008A-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L008A-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com