Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L008A Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  F25L008A_08 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L008A_08 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ESMT
F25L008A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.6
5/32
47
4KB
02F000H – 02FFFFH
:
:
:
2
32
4KB
020000H – 020FFFH
0
0
1
0
31
4KB
01F000H – 01FFFFH
:
:
:
1
16
4KB
010000H – 010FFFH
0
0
0
1
15
4KB
00F000H – 00FFFFH
:
:
:
0
0
4KB
000000H – 000FFFH
0
0
0
0
Table2 : F25L008A Block Protection Table
Status Register Bit
Protected Memory Area
Protection Level
BP2
BP1
BP0
Block Range
Address Range
0
0
0
0
None
None
Upper 1/16
0
0
1
Block 15
F0000H – FFFFFH
Upper 1/8
0
1
0
Block 14~15
E0000H – FFFFFH
Upper 1/4
0
1
1
Block 12~15
C0000H – FFFFFH
Upper 1/2
1
0
0
Block 8~15
80000H – FFFFFH
All Blocks
1
0
1
Block 0~15
00000H – FFFFFH
All Blocks
1
1
0
Block 0~15
00000H – FFFFFH
All Blocks
1
1
1
Block 0~15
00000H – FFFFFH
Block Protection (BP2, BP1, BP0)
The Block-Protection (BP2, BP1, BP0) bits define the size of the
memory area, as defined in Table2 to be software protected
against any memory Write (Program or Erase) operations. The
Write-Status-Register (WRSR) instruction is used to program the
BP2, P1, BP0 bits as long as
WP
is high or the
Block-Protection-Look (BPL) bit is 0. Chip-Erase can only be
executed if Block-Protection bits are all 0. After power-up, BP2,
BP1 and BP0 are set to1.
Block Protection Lock-Down (BPL)
WP
pin driven low (VIL), enables the Block-Protection
-Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP2, BP1, and BP0 bits. When the
WP
pin is driven high (VIH), the BPL bit has no effect and its
value is “Don’t Care”. After power-up, the BPL bit is reset to 0.


Similar Part No. - F25L008A_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A-100DG ESMT-F25L008A-100DG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100PAG ESMT-F25L008A-100PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-100PAIG ESMT-F25L008A-100PAIG Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-50DG ESMT-F25L008A-50DG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A-50PAG ESMT-F25L008A-50PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L008A_08

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com