Electronic Components Datasheet Search |
|
NST04 Datasheet(PDF) 1 Page - Micronetics, Inc. |
|
NST04 Datasheet(HTML) 1 Page - Micronetics, Inc. |
1 / 2 page MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 WEB: WWW.MICRONETICS.COM D DESCRIPTION ESCRIPTION Micronetics' line of broadband coaxial noise sources are specially designed for easy integration into microwave systems. They are designed to be rugged with excellent long-term stability. R RUGGED UGGED /S /STABLE TABLE D DESIGN ESIGN :: The heart of Micronetics microwave noise source is a small chip and wire hermetic noise module. This is embedded in the housing with a precision launch to the coaxial jack. This design is much more stable and rugged than traditional coaxial noise sources which rely on pill packaged diodes and beryllium copper bellow assem- blies which not only are less reliable, but use hazardous materials. T TEMP EMP /V /V OLTAGE OLTAGE S STABILITY TABILITY :: The NST series noise sources all feature an embedded regulated driver which offers maximum stability of the noise diode RF circuit. MODEL FREQUENCY RF OUTPUT STYLE RANGE ENR dB CODE NSL2 1 MHz to 1000 MHz 30 +/-1 N, N1 NST04* 10 MHz to 4 GHz 25 (min) Y NST18* 10 MHz to 18 GHz 25 (min) Y NST26* 100 MHz to 26.5 GHz 24 (min) Y Micronetics low ENR noise sources feature a large value embedded attenuator ideal for Y-factor tests. The attenuator serves dual purposes of lowering the ENR to a suitable Y-factor amplitude and also improves both on and off state VSWR which increases noise figure measurement accuracy. MODEL FREQUENCY ENR VSWR STYLE RANGE CODE NSL2L 1 MHz to 1000 MHz 14 - 16 dB 1.3:1 (max) N, N1 NST04L* 10 MHz to 4 GHz 14 - 16 dB 1.3:1 (max ) Y NST18L* 10 MHz to 18 GHz ** 13 - 17 dB 1.4:1 (max) Y NST26L* 100 MHz to 26.5 GHz 13 - 17 dB 1.6:1 (max) Y * TTL compatible ** 2 GHz to 18 GHz ENR range is 14-16 dB MEDIUM ENR BROADBAND COAXIAL MICROWAVE NOISE SOURCES LOW ENR BROADBAND COAXIAL MICROWAVE NOISE SOURCES BROADBAND COAXIAL MICROWAVE NOISE SOURCES 1 MHZ TO 26.5 GHZ S S PECIFICATIONS PECIFICATIONS s Operating Temp: -55 to +95oC s Storage Temp: -65 to +125oC s Supply Voltage: +15 VDC, +28 VDC s Temperature Stability: 0.01 dB/oC s Ouput Impedance: 50 ohm s Peak Factor: 5:1 TAILORED ENR FOR YOUR NOISE FIGURE MEASUREMENT APPLICATION Micronetics offers other ENR values upon request. The optimum ENR of the noise source is dependant on the expected noise figure of the DUT. If the expected noise figure is high, the measured difference of the off and on noise source states will be too hard to discern accurately with the DUT's comparatively large amount of self generated thermal noise. However if the expected noise figure is very low than using a noise source with too high a level of ENR will cause the two measured values to have such disparate amplitudes that non-linear dynamic range issues may compromise accuracy. Depending on how crucial the measure- ment uncertainty window needs to be, the designer can mathematically calculate the theoretical best ENR. This process can be exhaustive mathematically. Table 1 indicates a quick rule of thumb for ENR vs. expected noise figure. It should be noted that any path loss between the noise source and DUT must be accounted for. If a 10 dB noise source makes sense for the DUT but there is a 10 dB coupler and 3 dB of insertion loss, than a noise source with a 20 - 25 dB ENR is needed. Expected Noise Figure Noise Source Nominal ENR 0 to 10 dB 5 dB 10 to 20 dB 10 dB 20 to 35 dB 15 dB http://www.mwireless.com/Noise_Source/Microwave_Broadband.pdf Return to Noise Index |
Similar Part No. - NST04 |
|
Similar Description - NST04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |