Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUL44 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BUL44
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUL44 Datasheet(HTML) 3 Page - Motorola, Inc

  BUL44 Datasheet HTML 1Page - Motorola, Inc BUL44 Datasheet HTML 2Page - Motorola, Inc BUL44 Datasheet HTML 3Page - Motorola, Inc BUL44 Datasheet HTML 4Page - Motorola, Inc BUL44 Datasheet HTML 5Page - Motorola, Inc BUL44 Datasheet HTML 6Page - Motorola, Inc BUL44 Datasheet HTML 7Page - Motorola, Inc BUL44 Datasheet HTML 8Page - Motorola, Inc BUL44 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUL44 BUL44F
3
Motorola Bipolar Power Transistor Device Data
r
2.0
IB, BASE CURRENT (mA)
0
1000
100
10
1.0
1.0
10
IC, COLLECTOR CURRENT (AMPS)
0.01
10
1.0
0.1
0.01
1.0
0.1
TYPICAL STATIC CHARACTERISTICS
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
1.0
10
100
1.0
10
100
1000
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
0.01
1.2
0.4
0.9
0.7
0.5
0.6
0.8
1.1
1.0
VCE = 1 V
TJ = 125°C
TJ = 25°C
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
VCE = 5 V
TJ = 125°C
TJ = 25°C
TJ = – 20°C
TJ = 25°C
IC = 0.2 A
0.4 A
1 A
1.5 A
2 A
IC/IB = 10
IC/IB = 5
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
Figure 1. DC Current Gain at 1 Volt
Figure 2. DC Current Gain at 5 Volts
Figure 3. Collector Saturation Region
Figure 4. Collector–Emitter Saturation Voltage
Figure 5. Base–Emitter Saturation Region
Figure 6. Capacitance
CIB
COB
TJ = 25°C
f = 1 MHz
TJ = 25°C
TJ = 125°C


Similar Part No. - BUL44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Inchange Semiconductor ...
BUL44 ISC-BUL44 Datasheet
196Kb / 2P
   isc Silicon NPN Power Transistor
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
BUL44F ONSEMI-BUL44F Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
More results

Similar Description - BUL44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com