Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OCL-400MY Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OCL-400MY
Description  Series 400 - Ceramics thin film technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCL-400MY Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OCL-400MY Datasheet HTML 1Page - OSA Opto Light GmbH OCL-400MY Datasheet HTML 2Page - OSA Opto Light GmbH OCL-400MY Datasheet HTML 3Page - OSA Opto Light GmbH OCL-400MY Datasheet HTML 4Page - OSA Opto Light GmbH OCL-400MY Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
preliminary edition 03/08
© 2008
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
300
250
250
200
200
150
150
100
100
50
50
0
Max. 40 s
10-20 s
230°C
Time (sec)
300
IR reflow
soldering
profile
IR reflow
soldering
profile for lead
free soldering
Manual soldering:
max power of iron 25W/ 3s/ 300°C
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions


Similar Part No. - OCL-400MY

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCL-400MW OSA-OCL-400MW Datasheet
164Kb / 5P
   Series 400 - Ceramics white
OCL-400MW-XD-T OSA-OCL-400MW-XD-T Datasheet
164Kb / 5P
   Series 400 - Ceramics white
More results

Similar Description - OCL-400MY

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCL-400EW OSA-OCL-400EW Datasheet
183Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400EB460 OSA-OCL-400EB460 Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com