Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-345HSD-X-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-345HSD-X-T
Description  Series 345 - 1206 Sqint-LED 45째 High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-345HSD-X-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-345HSD-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-345HSD-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-345HSD-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-345HSD-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-345HSD-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
preliminary
Features
- with lens, sqint angle 45°
- view angle 40°
- size 1206: 3,2(L) x 1,6(W) x 1,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, anode to transporting
perforation
- orientation of radiation to anode
- all devices sorted into luminous intensity classes
- high luminous intensity types
- on request sorted in color classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
30
100
5
100
450
-40...105
-55...105
-40
-20
0
20
40
60
80
100
0
10
20
30
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-345 SUY
OLS-345 HY
OLS-345 SUD
OLS-345 HD
OLS-345 HSD
OLS-345 HR
super yellow
hyper yellow
super orange
hyper orange
hyper TSN red
hyper red
anode
anode
anode
anode
anode
anode
20
20
20
20
20
20
2,0
2,0
2,0
2,0
2,1
2,0
2,6
2,6
2,6
2,6
2,6
2,6
590
590
605
615
625
632
140
210
210
210
210
140
280
550
450
550
400
300
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 345 - 1206 Sqint-LED 45°
High luminous intensity
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-345HSD-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-345HYG OSA-OLS-345HYG Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
OLS-345HYG-X-T OSA-OLS-345HYG-X-T Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
More results

Similar Description - OLS-345HSD-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-345880 OSA-OIS-345880 Datasheet
126Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 IR high intensity 880 nm
OLS-345HYG OSA-OLS-345HYG Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-152HY OSA-OLS-152HY Datasheet
132Kb / 5P
   Series 152 - 1206 - Bipolar monocolor High luminous intensity
OLS-250HY OSA-OLS-250HY Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com