Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-336D-X-TU Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part # OLS-336D-X-TU
Description  Series 336 - with Lens - low current low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-336D-X-TU Datasheet(HTML) 4 Page - OSA Opto Light GmbH

  OLS-336D-X-TU Datasheet HTML 1Page - OSA Opto Light GmbH OLS-336D-X-TU Datasheet HTML 2Page - OSA Opto Light GmbH OLS-336D-X-TU Datasheet HTML 3Page - OSA Opto Light GmbH OLS-336D-X-TU Datasheet HTML 4Page - OSA Opto Light GmbH OLS-336D-X-TU Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
edition 01/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Series
Color
Encapsulation
Packaging
OLS-336
-
???????
-
X
-
?
TU - taped up
TD - taped down
X - uncolored clear
Type definition, e.g. OLS-336 R-X -TU
(general information – not this device specific)
Ordering Code For Parts
C:
0.28
-
0.45
C1:
0.28
-
0.36
Q1:
71 -
90
D:
0.45
-
0.71
C2:
0.36
-
0.45
Q2:
90 -
112
E:
0.71
-
1.12
D1:
0.45
-
0.56
R1:
112 -
140
F:
1.12
-
1.80
D2:
0.56
-
0.71
R2:
140 -
180
G:
1.80
-
2.80
E1:
0.71
-
0.90
S1:
180 -
224
H:
2.80
-
4.50
E2:
0.90
-
1.12
S2:
224 -
280
J:
4.50
-
7.10
F1:
1.12
-
1.40
T1:
280 -
355
K:
7.10
-
11.20
F2:
1.40
-
1.80
T2:
355 -
450
L:
11.20
-
18.00
G1:
1.80
-
2.24
U1:
450 -
560
G2:
2.24
-
2.80
U2:
560 -
710
M:
18
-
28
H1:
2.80
-
3.55
V1:
710 -
900
N:
28
-
45
H2:
3.55
-
4.50
V2:
900 -
1120
P:
45
-
71
J1:
4.50
-
5.60
W1:
1120 -
1420
Q:
71
-
112
J2:
5.60
-
7.10
W2:
1420 -
1800
R:
112
-
180
K1:
7.10
-
9.00
X1:
1800 -
2250
S:
180
-
280
K2:
9.00
-
11.20
X2:
2250 -
2800
T:
280
-
450
L1:
11.20
-
14.00
Y1:
2800 -
3550
U:
450
-
710
L2:
14.00
-
18.00
Y2:
3550 -
4500
V:
710
-
1120
M1:
18.00
-
22.40
Z1:
4500 -
5750
W:
1120
-
1800
M2:
22.40
-
28.00
Z2:
5750 -
7100
X:
1800
-
2800
N1:
28.00
-
35.50
Y:
2800
-
4500
N2:
35.50
-
45.00
Z:
4500
-
7100
P1:
45.00
-
56.00
P2:
56.00
-
71.00
LED Luminous Intensity Groups And Subgroups [ mcd ]
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated
equipment with an accuracy of ± 11 %.
Special service: Brightness selection in sub selections possible.
Color selection in 3 sub selections possible (each subgroup per reel).


Similar Part No. - OLS-336D-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-336BA460 OSA-OLS-336BA460 Datasheet
226Kb / 7P
   devices are ROHS and REACH conform
OLS-336HD-X-TD OSA-OLS-336HD-X-TD Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-336HD-X-TU OSA-OLS-336HD-X-TU Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-336HR-X-TD OSA-OLS-336HR-X-TD Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-336HR-X-TU OSA-OLS-336HR-X-TU Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
More results

Similar Description - OLS-336D-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-330R OSA-OLS-330R Datasheet
134Kb / 5P
   Series 330 - 1206 with Lens low cost
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
   Series 156 - 1206 low current low cost
OLS-216R OSA-OLS-216R Datasheet
126Kb / 5P
   Series 216 - side view - low current low cost
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
logo
Maxim Integrated Produc...
MAX1953EVKIT MAXIM-MAX1953EVKIT Datasheet
174Kb / 7P
   Low-Cost Current-Mode Controllers
Rev 0; 10/05
logo
Analog Devices
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com