Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71627ASCLH Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK71627ASCLH
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71627ASCLH Datasheet(HTML) 5 Page - TOKO, Inc

  TK71627ASCLH Datasheet HTML 1Page - TOKO, Inc TK71627ASCLH Datasheet HTML 2Page - TOKO, Inc TK71627ASCLH Datasheet HTML 3Page - TOKO, Inc TK71627ASCLH Datasheet HTML 4Page - TOKO, Inc TK71627ASCLH Datasheet HTML 5Page - TOKO, Inc TK71627ASCLH Datasheet HTML 6Page - TOKO, Inc TK71627ASCLH Datasheet HTML 7Page - TOKO, Inc TK71627ASCLH Datasheet HTML 8Page - TOKO, Inc TK71627ASCLH Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
December 1999 TOKO, Inc.
Page 5
TK716xx
TK716xx SIL ELECTRICAL CHARACTERISTICS TABLE 3
Test Conditions: V
IN = VOUT(TYP) + 1 V, IOUT = 5 mA, TA = 25 °C, unless otherwise specified.
Room Temp. Range (T
A = 25 °C)
Full Temp. Range (T
A = -40 to +85 °C)
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
V
OUT(MIN)
V
OUT(MAX)
Voltage
Code
2.4 V
24
2.360 V
2.440 V
2.320 V
2.480 V
2.5 V
25
2.460 V
2.540 V
2.420 V
2.580 V
2.6 V
26
2.560 V
2.640 V
2.520 V
2.680 V
2.7 V
27
2.660 V
2.740 V
2.620 V
2.780 V
2.8 V
28
2.760 V
2.840 V
2.720 V
2.880 V
2.9 V
29
2.860 V
2.940 V
2.820 V
2.980 V
3.0 V
30
2.960 V
3.040 V
3.920 V
3.080 V
3.1 V
31
3.060 V
3.140 V
3.020 V
3.180 V
3.2 V
32
3.160 V
3.240 V
3.120 V
3.280 V
3.3 V
33
3.260 V
3.340 V
3.220 V
3.380 V
3.4 V
34
3.360 V
3.440 V
3.320 V
3.480 V
3.5 V
35
3.460 V
3.540 V
3.420 V
3.580 V
3.6 V
36
3.560 V
3.640 V
3.520 V
3.680 V
3.7 V
37
3.660 V
3.740 V
3.620 V
3.780 V
3.8 V
38
3.760 V
3.840 V
3.720 V
3.880 V
3.9 V
39
3.860 V
3.940 V
3.820 V
3.980 V
4.0 V
40
3.960 V
4.040 V
3.920 V
4.090 V
4.1 V
41
4.059 V
4.141 V
4.009 V
4.191 V
4.2 V
42
4.158 V
4.242 V
4.108 V
4.292 V
4.3 V
43
4.257 V
4.343 V
4.197 V
4.893 V
4.4 V
44
4.356 V
4.444 V
4.306 V
4.494 V
4.5 V
45
4.455 V
4.545 V
4.405 V
4.595 V
4.6 V
46
4.554 V
4.646 V
4.504 V
4.496 V
4.7 V
47
4.653 V
4.747 V
4.603 V
4.497 V
4.8 V
48
4.752 V
4.848 V
4.702 V
4.898 V
4.9 V
49
4.851 V
5.049 V
4.801 V
5.099 V
5.0 V
50
4.950 V
5.050 V
4.900 V
5.100 V


Similar Part No. - TK71627ASCLH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71627ASCLH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com