Electronic Components Datasheet Search |
|
527-126NP2A5 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
527-126NP2A5 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. F-21 CAGE Code 06324 1. Metric dimensions (mm) are indicated in parentheses. 2. Material/Finish: Backshell, Fittings, Nuts, Clamps = Al Alloy/See Table II Hardware = SST/Passivate Dash No. 3 4 5 6 TABLE I: CABLE ENTRY Shell Size Ref. 13 15 17 19 A Ref. .790 (20.1) .790 (20.1) .915 (23.2) 1.165 (29.6) Min .190 (4.8) .260 (6.6) .283 (7.2) .325 (8.3) Max .328 (8.3) .457 (11.6) .614 (15.6) .634 (16.1) Cable Range Thread Size M18 X 1.0 M22 X 1.0 M25 X 1.0 M28 X 1.0 Connector Designator P P1 P2 P3 P5 TABLE III: CONNECTOR DESIGNATOR Connector Description All Manufacturer’s Plug and Receptacle Shells, Except for Those Listed Below (Prior to ordering, consult factory with connector part numbers not listed below to ensure a proper fit.) Cannon BKAD****322 Series Plug Cannon BKAC & BKAE Series Environmental Plug Cannon/Boeing BACC66 Plug Radiall/Boeing BACC66 Plug ARINC 600 series connector backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the connector manufacturer, the backshell may require special design alterations to mate properly. The following should be used to determine if a backshell modification is required. Prior to ordering, consult factory with connector part numbers not shown to ensure a proper fit. 527-126 Strain Relief Backshell for Size 3 ARINC 600 Series Connector Symbol B C* G* J LF M N Finish Cadmium Plate/Olive Drab Black Anodize Anodic Hard Coat Gold Iridite over Cadmium Plate over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel TABLE II: FINISH OPTIONS *Anodize finish is not suitable for EMI shielding or grounding applications. **Applicable to corrosion resisting steel backshells and accessories. Consult factory for other available finishes. Finish Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Cadmium Plate/Black Zinc-Nickel Alloy/Olive Drab Symbol NC NF T U** ZN |
Similar Part No. - 527-126NP2A5 |
|
Similar Description - 527-126NP2A5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |