Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-250PG-X-TD Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-250PG-X-TD
Description  Series 250 - 1206 lower height low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-250PG-X-TD Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-250PG-X-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-250PG-X-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-250PG-X-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-250PG-X-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-250PG-X-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 1206: 3,2(L) x 1,6(W) x 0,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- taping: face-up (T) or face-down (TD) possible
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
100
8
100
450
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-250 R
OLS-250 PG
OLS-250 G
OLS-250 SYG
OLS-250 Y
OLS-250 D
OLS-250 SD
red
pure green
green
green
yellow
orange
red
cathode
cathode
cathode
cathode
cathode
cathode
cathode
20
20
20
20
20
20
20
2,25
2,2
2,2
2,25
2,1
2,1
2,1
2,6
2,6
2,6
2,6
2,6
2,6
2,6
700 *
562
572
572
590
605
625
1.0
2.0
4.0
10
4.0
4.0
4.0
2.5
4.0
12
20
12
12
12
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 250 - 1206 lower height
low cost
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-250PG-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-250HD-C-T OSA-OLS-250HD-C-T Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-250HD-C-TD OSA-OLS-250HD-C-TD Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-250HD-CD-T OSA-OLS-250HD-CD-T Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-250HD-CD-TD OSA-OLS-250HD-CD-TD Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-250HD-X-T OSA-OLS-250HD-X-T Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
More results

Similar Description - OLS-250PG-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-250HY OSA-OLS-250HY Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-250HYG OSA-OLS-250HYG Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-250UR OSA-OLS-250UR Datasheet
122Kb / 5P
   Series 250 - 1206 lower height red 650 nm
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OLS-180R OSA-OLS-180R Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OIS-250660 OSA-OIS-250660 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 660-850 nm
OIS-250885 OSA-OIS-250885 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 885-950 nm
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
   Series 156 - 1206 low current low cost
OLS-150R OSA-OLS-150R Datasheet
129Kb / 5P
   Series 150 - 1206 Standard low cost
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com