Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT455IU Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # LT455IU
Description  CERAMIC FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LT455IU Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  LT455IU Datasheet HTML 1Page - Shoulder Electronics Limited. LT455IU Datasheet HTML 2Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LT 455(450)…W SERIES
Part
Number
Center
Frequency
(KHz)
Insertion
Loss
(dB)
PassBand
Ripple
(dB) max
6dB
Bandwidth
(KHz) min
50dB
Bandwidth
(KHz) min
Stop Band Att.
10 KHz
(dB) min
I/O
Impedance
(
)
LT450BU
450
2.0
4
2
15
30
30
1500
LT455BU
455
2.0
4
2
15
30
30
1500
LT450CU
450
2.0
4
2
12.5
24
30
1500
LT455CU
455
2.0
4
2
12.5
24
30
1500
LT450DU
450
1.5
4
2
10
20
30
1500
LT455DU
455
1.5
4
2
10
20
30
1500
LT450EU
450
1.5
6
2
7.5
15
30
1500
LT455EU
455
1.5
6
2
7.5
15
30
1500
LT450FU
450
1.5
6
2
6
12.5
30
2000
LT455FU
455
1.5
6
2
6
12.5
30
2000
LT450GU
450
1.5
6
2
4.5
10
30
2000
LT455GU
455
1.5
6
2
4.5
10
30
2000
LT450HU
450
1.0
6
2
3
9
30
2000
LT455HU
455
1.0
6
2
3
9
30
2000
LT450IU
450
1.0
6
2
2
7.5
30
2000
LT455IU
455
1.0
6
2
2
7.5
30
2000
LT450HTU
450
1.0
6
2
3
9
35
2000
LT455HTU
455
1.0
6
2
3
9
35
2000


Similar Part No. - LT455IU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455IU AURIS-LT455IU Datasheet
130Kb / 1P
   Filter THT
LT455IU AURIS-LT455IU Datasheet
196Kb / 1P
   Filter THT, Ceramic
LT455IU AURIS-LT455IU Datasheet
240Kb / 1P
   Filter SMD, Ceramic
logo
Token Electronics Indus...
LT455IU TOKEN-LT455IU Datasheet
326Kb / 3P
   LT 455/450 U/W Ceramic Filters
logo
Fronter Electronics Co....
LT455IU FRONTER-LT455IU Datasheet
186Kb / 1P
   21 PIN Version 8.0x7.0x8.0 mm
More results

Similar Description - LT455IU

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com