Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDRD_TO39 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDRD_TO39
Description  SAW RESONATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDRD_TO39 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDRD_TO39 Datasheet HTML 1Page - Shoulder Electronics Limited. HDRD_TO39 Datasheet HTML 2Page - Shoulder Electronics Limited. HDRD_TO39 Datasheet HTML 3Page - Shoulder Electronics Limited. HDRD_TO39 Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
Page: 3
4.Electrical characteristics
Part number
min
typ
max
unit
Center Frequency
Table 1
Insertion Loss
7.0
8.0
dB
Quality Factor Unload Q
12.000
50Ω Loaded Q
6.300
Turnover Temperature
36
51
66
Turnover Frequency
fo±11
KHz
Temperature
Stability
Freq.temp.Coefficient
0.037
ppm/
℃2
Frequency Aging
<±10
ppm/
yr
DC. Insulation Resistance
1.0
Motional Resistance R1
107
152
Ω
Motional Inductance L1
481.378
μH
RF Equivalent
RLC Model
Motional Capacitance C1
0.2794
pF
Shunt Static Capacitance
1.3
pF


Similar Part No. - HDRD_TO39

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRD_F11 SHOULDER-HDRD_F11 Datasheet
125Kb / 4P
   SAW RESONATOR
More results

Similar Description - HDRD_TO39

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
R29311 ITF-R29311 Datasheet
201Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com