Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUH51 Datasheet(PDF) 7 Page - Motorola, Inc

Part # BUH51
Description  POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUH51 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button BUH51 Datasheet HTML 2Page - Motorola, Inc BUH51 Datasheet HTML 3Page - Motorola, Inc BUH51 Datasheet HTML 4Page - Motorola, Inc BUH51 Datasheet HTML 5Page - Motorola, Inc BUH51 Datasheet HTML 6Page - Motorola, Inc BUH51 Datasheet HTML 7Page - Motorola, Inc BUH51 Datasheet HTML 8Page - Motorola, Inc BUH51 Datasheet HTML 9Page - Motorola, Inc BUH51 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUH51
7
Motorola Bipolar Power Transistor Device Data
TYPICAL SWITCHING CHARACTERISTICS
Figure 19. Dynamic Saturation Voltage
Measurements
Figure 20. Inductive Switching Measurements
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
RBSOA
L = 500
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
+15 V
1
µF
150
3 W
100
3 W
MPF930
+10 V
50
COMMON
–Voff
500
µF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
3 W
100
µF
Iout
A
RB1
RB2
1
µF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
TIME
VCE
0 V
IB
90% IB
1
µs
3
µs
dyn 1
µs
dyn 3
µs
10
4
0
8
2
0
TIME
6
8
6
2
4
9
7
5
3
1
1
3
5
7
IB
IC
Vclamp
tc
tfi
90% IC
10% IC
90% IB1
10% Vclamp
tsi
TYPICAL THERMAL RESPONSE
Figure 21. Forward Bias Power Derating
1
0
160
100
20
TC, CASE TEMPERATURE (°C)
0.8
0.6
0.4
0.2
60
140
SECOND BREAKDOWN
DERATING
40
80
120
THERMAL DERATING


Similar Part No. - BUH51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
STMicroelectronics
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
   HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
June 1996
BUH515 STMICROELECTRONICS-BUH515 Datasheet
85Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH515 ISC-BUH515 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUH51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
   POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com