Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUH51 Datasheet(PDF) 6 Page - Motorola, Inc

Part # BUH51
Description  POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUH51 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button BUH51 Datasheet HTML 2Page - Motorola, Inc BUH51 Datasheet HTML 3Page - Motorola, Inc BUH51 Datasheet HTML 4Page - Motorola, Inc BUH51 Datasheet HTML 5Page - Motorola, Inc BUH51 Datasheet HTML 6Page - Motorola, Inc BUH51 Datasheet HTML 7Page - Motorola, Inc BUH51 Datasheet HTML 8Page - Motorola, Inc BUH51 Datasheet HTML 9Page - Motorola, Inc BUH51 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BUH51
6
Motorola Bipolar Power Transistor Device Data
TYPICAL SWITCHING CHARACTERISTICS
Figure 14. Inductive Storage Time,
tc & tfi @ IC/IB = 5
1000
400
0
2.5
1
0.5
IC, COLLECTOR CURRENT (AMPS)
2
800
200
1.5
TJ = 125°C
TJ = 25°C
Figure 15. Inductive Storage Time,
tc & tfi @ IC/IB = 10
800
0
2.5
1.5
0.5
IC, COLLECTOR CURRENT (AMPS)
200
1
TJ = 125°C
TJ = 25°C
IB1 = IB2
VCC = 15 V
VZ = 300 V
LC = 200 µH
tc
tfi
600
400
2
600
IB1 = IB2
VCC = 15 V
VZ = 300 V
LC = 200 µH
tc
tfi
4
1
10
4
2
hFE, FORCED GAIN
8
3
6
TJ = 125°C
TJ = 25°C
Figure 16. Inductive Storage Time
2
IB1 = IB2
VCC = 15 V
VZ = 300 V
LC = 200 µH
Figure 17. Inductive Fall Time
450
0
10
3
hFE, FORCED GAIN
350
400
250
150
50
4
6
7
TJ = 125°C
TJ = 25°C
300
200
100
IC = 2 A
IC = 0.8 A
5
8
9
IBoff = IB2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC = 2 A
IC = 0.8 A
Figure 18. Inductive Crossover Time
800
300
100
hFE, FORCED GAIN
600
700
400
500
200
10
3
4
6
7
5
8
9
IB1 = IB2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IC = 2 A
IC = 0.8 A
tfi
tfi
tc


Similar Part No. - BUH51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
STMicroelectronics
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
   HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
June 1996
BUH515 STMICROELECTRONICS-BUH515 Datasheet
85Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH515 ISC-BUH515 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUH51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
   POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com