Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L004A-100DG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-100DG
Description  3V Only 4 Mbit Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-100DG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L004A-100DG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L004A-100DG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ESMT
F25L004A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.6
9/30
Fast-Read (50 MHz ; 100 MHz)
The High-Speed-Read instruction supporting up to 100 MHz is
initiated by executing an 8-bit command, 0BH, followed by
address bits [A23-A0] and a dummy byte. CE must remain active
low for the duration of the High-Speed-Read cycle. See Figure 3
for the High-Speed-Read sequence.
Following a dummy byte (8 clocks input dummy cycle), the
High-Speed-Read instruction outputs the data starting from the
specified address location. The data output stream is continuous
through all addresses until terminated by a low to high transition
on CE . The internal address pointer will automatically increment
until the highest memory address is reached. Once the highest
memory address is reached, the address pointer will
automatically increment to the beginning (wrap-around) of the
address space, i.e. for 4Mbit density, once the data from address
location 7FFFFH has been read, the next output will be from
address location 000000H.
Figure 3 : HIGH-SPEED-READ SEQUENCE
CE
SCK
SI
0 1 2 3 4 5 6 7 8
1516
2324
3132
39 40
4748
55 56
63 64
80
N+4
DOUT
N+3
DOUT
N+2
DOUT
N+1
DOUT
N
DOUT
MSB
MSB
MSB
HIGH IMPENANCE
SO
0B
ADD.
ADD.
ADD.
MODE3
MODE0
71 72
X
Note : X = Dummy Byte : 8 Clocks Input Dummy (VIL or VIH)


Similar Part No. - F25L004A-100DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-100DG ESMT-F25L004A-100DG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L004A-100DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com