Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L004A-50PIG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-50PIG
Description  3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-50PIG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F25L004A-50PIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ESMT
F25L004A
Operation Temperature Condition -40 C
° ~85 C
°
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.3
3/33
PIN Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing for serial input and
output operations
SI
Serial Data Input
To transfer commands, addresses or data
serially into the device.
Data is latched on the rising edge of SCK.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of
SCK.
CE
Chip Enable
To activate the device when CE is low.
WP
Write Protect
The Write Protect ( WP ) pin is used to
enable/disable BPL bit in the status
register.
HOLD
Hold
To temporality stop serial communication
with SPI flash memory without resetting
the device.
VDD
Power Supply
To provide power.
VSS
Ground


Similar Part No. - F25L004A-50PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-50PAG ESMT-F25L004A-50PAG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-50PAG ESMT-F25L004A-50PAG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25L004A-50PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com