Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L004A-50PIG Datasheet(PDF) 19 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-50PIG
Description  3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-50PIG Datasheet(HTML) 19 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L004A-50PIG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PIG Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ESMT
F25L004A
Operation Temperature Condition -40 C
° ~85 C
°
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.3
19/33
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the
Write-Status-Register (WRSR) instruction and opens the status
register
for
alteration.
The
Enable-Write-Status-Register
instruction does not have any effect and will be wasted, if it is not
followed immediately by the Write-Status-Register (WRSR)
instruction. CE must be driven low before the EWSR instruction
is entered and must be driven high before the EWSR instruction
is executed.
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to the
BP2, BP1, BP0, and BPL bits of the status register. CE must be
driven low before the command sequence of the WRSR
instruction is entered and driven high before the WRSR
instruction is executed. See Figure 15 for EWSR or WREN and
WRSR instruction sequences.
Executing the Write-Status-Register instruction will be ignored
when WP is low and BPL bit is set to “1”. When the WP is
low, the BPL bit can only be set from “0” to “1” to lockdown the
status register, but cannot be reset from “1” to “0”.
When WP is high, the lock-down function of the BPL bit is
disabled and the BPL, BP0, BP1,and BP2 bits in the status
register can all be changed. As long as BPL bit is set to 0 or WP
pin is driven high (VIH) prior to the low-to-high transition of the
CE pin at the end of the WRSR instruction, the bits in the status
register can all be altered by the WRSR instruction. In this case,
a single WRSR instruction can set the BPL bit to “1” to lock down
the status register as well as altering the BP0 ;BP1 and BP2 bits
at the same time. See Table 3 for a summary description of WP
and BPL functions.
Figure 15 : ENABLE-WRITE-STATUS-REGISTER (EWSR) or WRITE-ENABLE(WREN) and WRITE-STATUS-REGISTER (WRSR)
CE
SCK
SI
01 234 56 7
MSB
MSB
HIGH IMPENANCE
SO
50 or 06
MODE3
MODE0
0 1 2 345 67 8 9 1011 12 13 1415
STATUS
REGISTER IN
01
7 6 5 4 3 2 1 0


Similar Part No. - F25L004A-50PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-50PAG ESMT-F25L004A-50PAG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-50PAG ESMT-F25L004A-50PAG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25L004A-50PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com