Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1213IWLTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX1213IWLTRT
Description  Ultra-Low Power Integrated UHF Receiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1213IWLTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX1213IWLTRT Datasheet HTML 3Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 4Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 5Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 6Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 7Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 8Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 9Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 10Page - Semtech Corporation SX1213IWLTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
SX1213
ADVANCED COMMUNICATIONS & SENSING
Rev.2 – July 1
st, 2009
Page 7 of 65
www.semtech.com
1.3. Pin Description
Table 2: SX1213 Pinouts
Number
Name
Type
Description
0
GND
I
Exposed ground pad
1
TEST5
I/O
Connect to GND
2
TEST1
I/O
Connect to GND
3
VR_VCO
O
Regulated supply of the VCO
4
VCO_M
I/O
VCO tank
5
VCO_P
I/O
VCO tank
6
LF_M
I/O
PLL loop filter
7
LF_P
I/O
PLL loop filter
8
TEST6
I/O
Connect to GND
9
TEST7
I/O
Connect to GND
10
XTAL_P
I/O
Crystal connection
11
XTAL_M
I/O
Crystal connection
12
TEST0
I
Connect to GND
13
TEST8
I/O
POR. Do not connect if unused
14
NSS_CONFIG
I
SPI CONFIG enable
15
NSS_DATA
I
SPI DATA enable
16
MISO
O
SPI data output
17
MOSI
I
SPI data input
18
SCK
I
SPI clock input
19
CLKOUT
O
Clock output
20
DATA
O
NRZ data output (Continuous mode)
21
IRQ_0
O
Interrupt output
22
IRQ_1
O
Interrupt output
23
PLL_LOCK
O
PLL lock detection output
24
TEST2
I/O
Connect to GND
25
TEST3
I/O
Connect to GND
26
VDD
I
Supply voltage
27
VR_1V
O
Regulated supply of the analog circuitry
28
VR_DIG
O
Regulated supply of digital circuitry
29
NC
-
Connect to GND
30
TEST4
I/O
Connect to GND
31
RFI
I
RF input
32
NC
-
Connect to GND
Note: pin 13 (Test 8) can be used as a manual reset trigger. See section 7.4.2 for details on its use.


Similar Part No. - SX1213IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1210I084TRT SEMTECH-SX1210I084TRT Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 73P
   Lowest Power Integrated UHF Transceiver Short Range Devices
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
SX1211-11SKA SEMTECH-SX1211-11SKA Datasheet
944Kb / 26P
   Advanced Mode
More results

Similar Description - SX1213IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
   Low Power Integrated UHF Receiver
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
   Low-Power, Integrated UHF Receiver
01/27/15
logo
Semtech Corporation
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
   Low Power Integrated UHF Receiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com