Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1213 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX1213
Description  Ultra-Low Power Integrated UHF Receiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1213 Datasheet(HTML) 5 Page - Semtech Corporation

  SX1213 Datasheet HTML 1Page - Semtech Corporation SX1213 Datasheet HTML 2Page - Semtech Corporation SX1213 Datasheet HTML 3Page - Semtech Corporation SX1213 Datasheet HTML 4Page - Semtech Corporation SX1213 Datasheet HTML 5Page - Semtech Corporation SX1213 Datasheet HTML 6Page - Semtech Corporation SX1213 Datasheet HTML 7Page - Semtech Corporation SX1213 Datasheet HTML 8Page - Semtech Corporation SX1213 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
SX1213
ADVANCED COMMUNICATIONS & SENSING
Rev.2 – July 1
st, 2009
Page 5 of 65
www.semtech.com
This product datasheet contains a detailed description of the SX1213 performance and functionality. Please consult
the Semtech website for the latest updates or errata.
1. General Description
The SX1213 is a single chip FSK and OOK receiver capable of operation in the 300 to 510 MHz license free ISM
frequency bands. It complies with both the relevant European and North American standards, EN 300-220 V2.1.1
(June 2006 release) and FCC Part 15 (10-1-2006 edition). A unique feature of this circuit is its extremely low
current consumption in full active mode of only 3mA (typ). The SX1213 is available in a 5x5 mm TQFN-32 package.
1.1. Simplified Block Diagram
Figure 1: SX1213 Simplified Block Diagram


Similar Part No. - SX1213

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1210I084TRT SEMTECH-SX1210I084TRT Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 73P
   Lowest Power Integrated UHF Transceiver Short Range Devices
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
SX1211-11SKA SEMTECH-SX1211-11SKA Datasheet
944Kb / 26P
   Advanced Mode
More results

Similar Description - SX1213

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
   Low Power Integrated UHF Receiver
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
   Low-Power, Integrated UHF Receiver
01/27/15
logo
Semtech Corporation
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
   Low Power Integrated UHF Receiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com