Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZCRMZNICE02ZACG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # ZCRMZNICE02ZACG
Description  ROM MCU with Learning Amplification
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZCRMZNICE02ZACG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button ZCRMZNICE02ZACG Datasheet HTML 3Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 4Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 5Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 6Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 7Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 8Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 9Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 10Page - Maxim Integrated Products ZCRMZNICE02ZACG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
19-4624; Rev 0; 5/09
Architectural Overview
ZLR64400 ROM MCU
Product Specification
1
Architectural Overview
Maxim’s ZLR64400 ROM MCU is a member of the Crimzon® family of infrared
microcontrollers. It provides a directly-compatible code upgrade path to other Crimzon
MCUs, offers a robust learning function, and features up to 64 KB ROM and 1004 bytes
of general-purpose RAM. Two timers allow the generation of complex signals while
performing other counting operations. A universal asynchronous receiver/transmitter
(UART) allows the ZLR64400 MCU to be a Slave/Master database chip. When the UART
is not in use, the baud rate generator (BRG) can be used as a third timer. Enhanced Stop
Mode Recovery (SMR) features allow the ZLR64400 MCU to awaken from STOP mode
on any change of logic, and on any combination of the 12 SMR inputs. The SMR source
can also be used as an interrupt source.
Many high-end remote control units offer a learning function. A learning function allows a
replacement remote unit to learn most infrared signals from the original remote unit and
regenerate the signal. However, the amplifying circuits of many learning remotes are
expensive and are not tuned well. Maxim’s ZLR64400 MCU is the first chip dedicated to
solve this problem because it offers a built-in tuned amplification circuit in a wide range of
positions and battery voltages. The only external component required is a photodiode.
The ZLR64400 MCU greatly reduces system cost, yet improves learning function reliabil-
ity. With all new features, the ZLR64400 MCU is excellent for infrared remote control and
other MCU applications.
Features
Table 1 lists the memory, I/O, and power features of the ZLR64400 ROM Memory
microcontroller. Additional features are listed below the table.
The ZLR64400 MCU supports the following 20 interrupt sources with 6 interrupt vectors:
Two from T8, T16 time-out and capture
Three from UART Tx, UART Rx, UART BRG
One from LVD
Table 1. ZLR64400 ROM MCU Features
Device
ROM (KB)
RAM* (Bytes)
I/O Lines
Voltage
Range
ZLR64400 MCU
64
1004
24, or 16
2.0–3.6 V
*General-purpose registers implemented as random-access memory.


Similar Part No. - ZCRMZNICE02ZACG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZNICE02ZACG MAXIM-ZCRMZNICE02ZACG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZNICE02ZACG MAXIM-ZCRMZNICE02ZACG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZNICE02ZACG MAXIM-ZCRMZNICE02ZACG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZNICE02ZACG ZILOG-ZCRMZNICE02ZACG Datasheet
248Kb / 6P
   48-PDIP to 48-SSOP package converter
ZCRMZNICE02ZACG ZILOG-ZCRMZNICE02ZACG Datasheet
1Mb / 99P
   Low power consumption??1 mW
More results

Similar Description - ZCRMZNICE02ZACG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400ROMMCU ZILOG-ZLR64400ROMMCU Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLP12840OPTMCU ZILOG-ZLP12840OPTMCU Datasheet
2Mb / 58P
   Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Fortune Semiconductor C...
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
   8-bit MCU with 4k program ROM
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
   8-bit MCU with 1k program ROM
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Core Technology (Shenzh...
CSU8RP1186B CHIPSEA-CSU8RP1186B Datasheet
2Mb / 100P
   OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
   OTP ROM 8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com