Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR16300H2008G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # ZLR16300H2008G
Description  Low-Voltage ROM MCUs with Infrared Timers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR16300H2008G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button ZLR16300H2008G Datasheet HTML 7Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 8Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 9Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 10Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 11Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 12Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 13Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 14Page - Maxim Integrated Products ZLR16300H2008G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
19-4622; Rev 0; 5/09
Pin Description
Crimzon® ZLR16300
Product Specification
7
Pin Functions
XTAL1 Crystal 1 (Time-Based Input)
This pin connects a parallel-resonant crystal or ceramic resonator to the on-chip oscillator
input. Additionally, an external single-phase clock can be connected to the on-chip
oscillator input.
XTAL2 Crystal 2 (Time-Based Output)
This pin connects a parallel-resonant crystal or ceramic resonant to the on-chip oscillator
output.
Input/Output Ports
The CMOS input buffer for each ports 0, 1, or 2 pin is always connected to the pin, even
when the pin is configured as an output. If the pin is configured as an open-drain output
and no external signal is applied, a High output state causes the CMOS input buffer to
float. This leads to excessive leakage current of more than 100
A. To prevent this leakage,
connect the pin to an external signal with a defined logic level or ensure its output state is
Low, especially during STOP mode.
Internal pull-ups are disabled on any given pin or group of port pins when programmed
into output mode.
Port 0, 1, and 2 have both input and output capability. The input logic is always present
no matter whether the port is configured as input or output. While performing a READ
instruction, the MCU reads the actual value at the input logic but not from the output
buffer. In addition, the instructions of OR, AND, and XOR have the Read-Modify-Write
sequence. The MCU first reads the port, modifies the value, and loads back to the port.
Precaution must be taken if the port is configured as open-drain output or if the port is
driving any circuit that makes the voltage different from the desired output logic. For
example, pins P00–P07 are not connected to anything else. If it is configured as open-
drain output with output logic as ONE, it is a floating port and reads back as ZERO. The
following instruction sets P00-P07 all Low.
AND P0,#%F0
Caution:


Similar Part No. - ZLR16300H2008G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300H2008G ZILOG-ZLR16300H2008G Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
More results

Similar Description - ZLR16300H2008G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Maxim Integrated Produc...
MAXQ305 MAXIM-MAXQ305 Datasheet
1Mb / 29P
   Low-Voltage Microcontroller with Infrared Module
Rev 0; 10/12
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
logo
Freescale Semiconductor...
MK30DN512VYY10 FREESCALE-MK30DN512VYY10 Datasheet
469Kb / 2P
   Low-power MCUs with segment LCD
logo
STMicroelectronics
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com