Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR16300S2808G Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ZLR16300S2808G
Description  Low-Voltage ROM MCUs with Infrared Timers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR16300S2808G Datasheet(HTML) 5 Page - Maxim Integrated Products

  ZLR16300S2808G Datasheet HTML 1Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 2Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 3Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 4Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 5Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 6Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 7Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 8Page - Maxim Integrated Products ZLR16300S2808G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
19-4622; Rev 0; 5/09
Architectural Overview
Crimzon® ZLR16300
Product Specification
1
Architectural Overview
Maxim’s Crimzon® ZLR16300 MCU is a ROM-based member of the Crimzon ZLR16300
family of general-purpose microcontrollers. With 1 KB to 16 KB of Program Memory and
237 B of general-purpose RAM, Maxim’s CMOS microcontrollers offer fast-executing,
efficient use of memory, sophisticated interrupts, input/output (I/O) bit manipulation
capabilities, automated pulse generation/reception, and internal key-scan pull-up
transistors.
The Crimzon ZLR16300 architecture (see Figure 1 on page 3 and Figure 2 on page 4) is
based on Maxim’s 8-bit microcontroller core with an Expanded Register File allowing
access to register-mapped peripherals, I/O circuits, and powerful counter/timer circuitry.
The Z8® core offers a flexible I/O scheme, an efficient register and address space
structure, and a number of ancillary features that are useful in many consumer,
automotive, computer peripheral, and battery-operated hand-held applications.
There are three basic address spaces available to support a wide range of configurations:
1. Program Memory
2. Register File
3. Expanded Register File
The Register file is composed of 256 B of RAM. It includes three I/O port registers, 16
control and status registers, and 237 general-purpose registers. The Expanded Register file
consists of two additional register groups (F and D).
To unburden the program from coping with such real-time problems like generating
complex waveforms or receiving and demodulating complex waveform/pulses, the
Crimzon ZLR16300 offers a new intelligent counter/timer architecture with 8-bit and
16-bit counter/timers (see Figure 2 on page 4). Also included are a large number of
user-selectable modes and two on-board comparators to process analog signals with
separate reference voltages.
Features
Table 1 lists the features of Crimzon ZLR16300 family.
Table 1. Crimzon ZLR16300 ROM MCU Features
Device
ROM (KB)
RAM* (Bytes) I/O Lines
Voltage Range
Crimzon ZLR16300
1, 2, 4, 8, 16
237
24, 16
2.0–3.6 V
*General-purpose


Similar Part No. - ZLR16300S2808G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300S2808G ZILOG-ZLR16300S2808G Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
More results

Similar Description - ZLR16300S2808G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Maxim Integrated Produc...
MAXQ305 MAXIM-MAXQ305 Datasheet
1Mb / 29P
   Low-Voltage Microcontroller with Infrared Module
Rev 0; 10/12
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
logo
Freescale Semiconductor...
MK30DN512VYY10 FREESCALE-MK30DN512VYY10 Datasheet
469Kb / 2P
   Low-power MCUs with segment LCD
logo
STMicroelectronics
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com