Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3021E Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPZ3021E
Description  Power Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3021E Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPZ3021E Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke
CSZ3021E
Rev. -
9/20/01
• Meets or exceeds VDE, IEC, UL & CSA Specifications
for Creepage, Clearance and Dielectric Strength
• Wires & Tape Insulating Material : Class 130
• Operating Temperature Range -40°C to 85°C
Schematic
Dimensions
Min.
Max.
(Inches)
(Millimeters)
Min.
Max.
Package
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
A
B
C
D
E
F
G
H
I
J
K
Dim.
1.04
.831
.823
---
---
---
---
---
---
---
---
---
---
---
.118
.012
.402
.614
.026
---
---
.150
Nom.
---
---
---
---
---
---
---
---
2.80
4.05
---
26.30
21.10
20.90
---
---
---
---
---
---
---
---
---
---
---
3.00
0.30
10.20
15.60
0.65
---
---
3.80
Nom.
---
---
---
---
---
---
---
---
.110
.159
---
G
H
B
PCA
EPZ3021E
Date Code
C
J
E
A
24
7
9
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPZ3021E
Pin # 1
7
4
2
9
Primary Specification
Inductance
(mH Min.)
168
@ 10 KHz, 0.1 Vrms
Pins 2-4, 9-7
DCR
(
Ω Max.)
Current Rating
(Amp)
4
Isolation
(Vrms)
3750
Between Wdg’s
Pins 2-4
.016
Pins 9-7
.016
F
I
Temperature Rise
C° (Typ.)
D
Note :
1. Core EE25/10/6 Size
2. All other pins are omitted
1:1


Similar Part No. - EPZ3021E

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3020 PCA-EPZ3020 Datasheet
32Kb / 1P
   Power Choke
EPZ3022G PCA-EPZ3022G Datasheet
36Kb / 1P
   Common Mode Choke for Telecom Applications
EPZ3023G PCA-EPZ3023G Datasheet
35Kb / 1P
   Power Choke
EPZ3025 PCA-EPZ3025 Datasheet
31Kb / 1P
   Common Mode Choke
EPZ3027G PCA-EPZ3027G Datasheet
42Kb / 1P
   Common Mode Choke
More results

Similar Description - EPZ3021E

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3004G PCA-EPZ3004G Datasheet
51Kb / 1P
   Power Choke
EPZ3007G PCA-EPZ3007G Datasheet
40Kb / 1P
   Power Choke
EPZ3008G PCA-EPZ3008G Datasheet
53Kb / 1P
   Power Choke
EPZ3012G PCA-EPZ3012G Datasheet
31Kb / 1P
   Power Choke
EPZ3014G PCA-EPZ3014G Datasheet
26Kb / 1P
   Power Choke
EPZ3015 PCA-EPZ3015 Datasheet
25Kb / 1P
   Power Choke
EPZ3019 PCA-EPZ3019 Datasheet
29Kb / 1P
   Power Choke
EPZ3008G PCA-EPZ3008G_07 Datasheet
49Kb / 1P
   Power Choke
EPZ3009GE PCA-EPZ3009GE_15 Datasheet
38Kb / 1P
   Power Choke
EPZ3014G PCA-EPZ3014G_15 Datasheet
27Kb / 1P
   Power Choke
EPZ3015 PCA-EPZ3015_15 Datasheet
26Kb / 1P
   Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com