Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500-016-Z225BF4-01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500-016-Z225BF4-01
Description  Micro-D Backshells Switching/Shorting, One Piece 500-016
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500-016-Z225BF4-01 Datasheet(HTML) 1 Page - Glenair, Inc.

  500-016-Z225BF4-01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-11
E-Mail: sales@glenair.com
L
HOW TO ORDER 500-016 SHORTING BACKSHELLS
Series
Shell Finish
Connector
Size
Hardware Option
Lanyard Option
Lanyard
Length
Ring Terminal
Ordering Code
500-016
E
Chem Film
J
Cadmium, Yellow
Chromate
M
Electroless Nickel
NF Cadmium, Olive
Drab
Z2 Gold
09
51
15
51-2
21
67
25
69
31
100
37
B Fillister Head
Jackscrew
H Hex Head
Jackscrew
E Extended
Jackscrew
F Jackpost, Female
N No Lanyard
F Wire Rope,
Nylon Jacket
H Wire Rope,
Teflon Jacket
Length in
One Inch
Increments
Example: “6”
equals six
inches.
06 .125 (3.2)
01 .140 (3.6)
05 .167 (4.2)
04 .197 (5.0)
I.D. of Ring
Terminal
Sample Part Number
500-016
– M
25
H
F
4
– 06
Micro-D Backshells
Switching/Shorting, One Piece 500-016
Shorting Backshells are closed
shells used to provide a convenient
way to protect Micro-D connectors
used for circuit switching or shorting.
Lanyards provide easy attachment to
chassis panels.
C
B
A
CONNECTOR ORDERED
SEPARATELY
F
E
D
.175 (4.4)
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
LENGTH
SEE ORDERING INFO
Size
A Max.
B Max.
C
D Max.
E Max.
F Max.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
09
.850
21.59
.370
9.40
.565
14.35
.500
12.70
.350
8.89
.410
10.41
15
1.000
25.40
.370
9.40
.715
18.16
.620
15.75
.470
11.94
.580
14.73
21
1.150
29.21
.370
9.40
.865
21.97
.740
18.80
.590
14.99
.740
18.80
25
1.250
31.75
.370
9.40
.965
24.51
.800
20.32
.650
16.51
.850
21.59
31
1.400
35.56
.370
9.40
1.115
28.32
.860
21.84
.710
18.03
.980
24.89
37
1.550
39.37
.370
9.40
1.265
32.13
.900
22.86
.750
19.05
1.130
28.70
51
1.500
38.10
.410
10.41
1.215
30.86
.930
23.62
.780
19.81
1.080
27.43
51-2
1.910
48.51
.370
9.40
1.615
41.02
.930
23.62
.780
19.81
1.510
38.35
67
2.310
58.67
.370
9.40
2.015
51.18
.930
23.62
.780
19.81
1.880
47.75
69
1.810
45.97
.410
10.41
1.515
38.48
.930
23.62
.780
19.81
1.380
35.05
100
2.235
56.77
.460
11.68
1.800
45.72
.990
25.15
.840
21.34
1.470
37.34
CODE B
FILLISTER HEAD
JACKSCREW
CODE H
HEX HEAD
JACKSCREW
CODE F
FEMALE
JACKPOST
CODE E
EXTENDED
JACKSCREW
MATERIALS
Shell
Aluminum Alloy 6061 -T6
Clips
17-7PH Stainless Steel
Hardware
300 Series Stainless Steel


Similar Part No. - 500-016-Z225BF4-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500-016BA GLENAIR-500-016BA Datasheet
75Kb / 1P
   EMI/RFI Conical-Ring Type Split Backshell
500-016BB GLENAIR-500-016BB Datasheet
75Kb / 1P
   EMI/RFI Conical-Ring Type Split Backshell
500-016E09BN4-06 GLENAIR-500-016E09BN4-06 Datasheet
197Kb / 1P
   Shorting Can
500-016E09EN4-06 GLENAIR-500-016E09EN4-06 Datasheet
197Kb / 1P
   Shorting Can
500-016E09HN4-06 GLENAIR-500-016E09HN4-06 Datasheet
197Kb / 1P
   Shorting Can
More results

Similar Description - 500-016-Z225BF4-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500-047-E09BB GLENAIR-500-047-E09BB Datasheet
97Kb / 1P
   Micro-D Backshells EMI, Elliptical, One Piece 500-047
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500T011E09B04 GLENAIR-500T011E09B04 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
   Micro-D Backshells Dual Entry EMI, One Piece 507-142
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
550-031M2 GLENAIR-550-031M2 Datasheet
88Kb / 2P
   D-Subminiature Shorting Cap Split Backshells
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
507-198-E09 GLENAIR-507-198-E09 Datasheet
82Kb / 1P
   Micro-D Backshells Strain Relief, Saddle Bars
559-005 GLENAIR-559-005 Datasheet
186Kb / 1P
   EMI/RFI Gasket For Micro-D Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com