Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L8508SSC Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # Z86L8508SSC
Description  28-Pin Low-Voltage IR Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

Z86L8508SSC Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button Z86L8508SSC Datasheet HTML 4Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 5Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 6Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 7Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 8Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 9Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 10Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 11Page - Maxim Integrated Products Z86L8508SSC Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
Z86L82/Z86L85
28-Pin Low-Voltage IR Microcontrollers
19-4613; Rev 0; 4/09
2
Oscillator operational mode: normal high-frequency operation enabled
versus 32-KHz operation enabled
Port 0: 0–3 pull-ups
Port 0: 4–7 pull-ups
Port 2: 0–7 pull-ups
Port 3: pull-ups
Port 0: 0–3 Mouse Mode: Normal Mode (.5VDD input threshold) versus
Mouse Mode (.4VDD input threshold)
The mask option pull-up transistor has a typical equivalent
resistance of 200 K
±50% at V
CC=3 V and 450 K±50% at
VCC=2 V.
General Description
The Z86L82/85 are ROM-based members of the Z8 MCU single-chip family of
infrared (IR) controllers, featuring 237 bytes of general-purpose RAM and 4/8 KB
of ROM, respectively. Maxim’s CMOS microcontrollers offer fast executing, effi-
cient use of memory, sophisticated interrupts, input/output bit manipulation capa-
bilities, automated pulse generation/reception, and internal key-scan pull-up
transistors.
The Z86L82/85 architecture is based on Maxim's 8-bit microcontroller core featur-
ing an Expanded Register File to allow access to register-mapped peripherals, I/O
circuits, and powerful counter/timer circuitry. The Z8 offers a flexible I/O scheme,
an efficient register and address-space structure, and a number of ancillary fea-
tures that are useful in many consumer, automotive, computer peripheral, and bat-
tery-operated hand-held applications.
Three basic address spaces are available to support a wide range of configura-
tions: program memory, register file, and Expanded Register File. The register file
consists of 256 bytes of RAM. It includes 4 I/O port registers, 16 control and status
registers, and 236 general-purpose registers. [Register FEh (SPH) can be used
as a general-purpose register.] The Expanded Register File consists of two addi-
tional register groups (F and D).
The Z86L82/85 offers a new intelligent counter/timer architecture with 8-bit and
16-bit counter/timers (Figure 1). Also included are a large number of user-select-
able modes and two on-board comparators to process analog signals with sepa-
rate reference voltages (see Figure 9 on page 18).
Note:


Similar Part No. - Z86L8508SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L85 ZILOG-Z86L85 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
More results

Similar Description - Z86L8508SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
logo
Maxim Integrated Produc...
Z86L81 MAXIM-Z86L81 Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
logo
Microchip Technology
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
   Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
   28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F877A MICROCHIP-PIC16F877A Datasheet
3Mb / 234P
   28/40-pin Enhanced FLASH Microcontrollers
2003
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
   28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC16C62B MICROCHIP-PIC16C62B Datasheet
1Mb / 120P
   28-Pin 8-Bit CMOS Microcontrollers
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com