Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-J0Y-IY Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-J0Y-IY
Description  Half Brick DC-DC Converters 25 to 100 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-J0Y-IY Datasheet(HTML) 2 Page - Vicor Corporation

  VI-J0Y-IY Datasheet HTML 1Page - Vicor Corporation VI-J0Y-IY Datasheet HTML 2Page - Vicor Corporation VI-J0Y-IY Datasheet HTML 3Page - Vicor Corporation VI-J0Y-IY Datasheet HTML 4Page - Vicor Corporation VI-J0Y-IY Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 2 of 5
Set your site on VICOR at vicorpower.com
CONVERTER SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Inrush charge
60 x 10
-6
60 x 10
-6
100 x 10
-6
Coulombs
Nominal line
Input reflected
10%
10%
IIN
Nominal line, full load
ripple current – pp
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
25 + 20 Log
( Vin )
Vout
30 + 20 Log
( Vin )
Vout
20 + 20 Log
( Vin )
Vout
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Setpoint accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
1%
0.2%
0.5%
V
NOM
LL to HL, No Load to 10%
Output temperature drift
0.02
0.01
0.02
% / °C
Over rated temperature
Long term drift
0.02
0.02
% / 1K hours
Output ripple – pp:
2 V, 3.3 V
200
100
150
mV
20 MHz bandwidth
5 V
5%
2%
3%
VNOM
20 MHz bandwidth
10 – 95 V
3%
0.75%
1.5%
VNOM
20 MHz bandwidth
Trim range
[a]
50%
110%
50%
110%
VNOM
Total remote
0.5
0.5
Volts
0.25 V max. neg. leg
sense compensation
Current limit
105%
135%
105%
125%
INOM
Automatic restart
Short circuit current
105%
140%
105%
130%
INOM
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Gate out impedance
50
50
Ohms
Gate in impedance
1000
1000
Ohms
Gate in high threshold
6
6
Volts
Use open collector
Gate in low threshold
0.65
0.65
Volts
Gate in low current
6
6
mA
[a] 10 V, 12 V, 13.8 V, 15 V outputs, or “V” input range have standard trim range ±10%. Consult factory for wider trim range.
95 V output –50 + 0% trim range.
INPUT SPECIFICATIONS
OUTPUT CHARACTERISTICS
CONTROL PIN SPECIFICATIONS


Similar Part No. - VI-J0Y-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J0YCM VICOR-VI-J0YCM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCX VICOR-VI-J0YCX Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCY VICOR-VI-J0YCY Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCZ VICOR-VI-J0YCZ Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YEM VICOR-VI-J0YEM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
More results

Similar Description - VI-J0Y-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com